Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
52
4.2.15
1000BASE-T Status Extension 2
The second status extension register is at address 17 in the device main registers space. It provides
information about another set of parameters associated with 1000BASE-T communications. For
information about the first status extension register, see Table 31, page 51.
13
100BASE-TX/FX disconnect
state
RO
Self-clearing bit.
1: PHY 100BASE-TX link disconnect
detected
0
12
100BASE-TX/FX current link
status
RO
1: PHY 100BASE-TX link active
0
11
100BASE-TX/FX receive error
RO
Self-clearing bit.
1: Receive error detected
0
10
100BASE-TX/FX transmit error
RO
Self-clearing bit.
1: Transmit error detected
0
9
100BASE-TX/FX SSD error
RO
Self-clearing bit.
1: Start-of-stream delimiter error
detected
0
8
100BASE-TX/FX ESD error
RO
Self-clearing bit.
1: End-of-stream delimiter error
detected
0
7:0 Reserved
RO
Reserved
Table 33 •
1000BASE-T Status Extension 2, Address 17 (0x11)
Bit Name
Access Description
Default
15
1000BASE-T descrambler
RO
1: Descrambler locked.
0
14
1000BASE-T lock error
RO
Self-clearing bit.
1: Lock error detected
0
13
1000BASE-T disconnect state RO
Self-clearing bit.
1: PHY 1000BASE-T link disconnect
detected
0
12
1000BASE-T current link
status
RO
1: PHY 1000BASE-T link active
0
11
1000BASE-T receive error
RO
Self-clearing bit.
1: Receive error detected
0
10
1000BASE-T transmit error
RO
Self-clearing bit.
1: Transmit error detected
0
9
1000BASE-T SSD error
RO
Self-clearing bit.
1: Start-of-stream delimiter error detected
0
8
1000BASE-T ESD error
RO
Self-clearing bit.
1: End-of-stream delimiter error detected
0
7
1000BASE-T carrier extension
error
RO
Self-clearing bit.
1: Carrier extension error detected
0
6
Non-compliant BCM5400
detected
RO
1: Non-compliant BCM5400 link partner
detected
0
5
MDI crossover error
RO
1: MDI crossover error was detected
0
Table 32 •
100BASE-TX/FX Status Extension, Address 16 (0x10) (continued)
Bit Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com