Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 45 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation VSC8504-02 Datasheet HTML 46Page - Microsemi Corporation VSC8504-02 Datasheet HTML 47Page - Microsemi Corporation VSC8504-02 Datasheet HTML 48Page - Microsemi Corporation VSC8504-02 Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
34
When using the connector loopback testing feature, the device autonegotiation, speed, and duplex
configuration is set using device registers 0, 4, and 9. For 1000BASE-T connector loopback, the
following additional writes are required. Execute the additional writes in the following order:
1.
Enable the 1000BASE-T connector loopback. Set register bit 24.0 to 1.
2.
Disable pair swap correction. Set register bit 18.5 to 1.
3.17.6
SerDes Loopbacks
For test purposes, the SerDes and SerDes macro interfaces provides several data loops. The following
illustration shows the SerDes loopbacks.
Figure 35 •
Data Loops of the SerDes Macro
3.17.6.1 SGMII Mode
When the MAC interface is configured in SGMII mode, write the following 16-bit value to register 18G:
Bits 15:12 0x9
Bits 11:8: Port address (0x0 to 0x3)
Bits 7:4: Loopback type
Bits 3:0: 0x2
where loopback type is:
0x0: No loopback
0x2: Input loopback
0x4: Facility loopback
0x8: Equipment loopback
DES
n:1
SER
1:n
D Q >
RC-PLL
Analo g Services M o dules
(BIAS, clk tree buffers,
ESD protection )
n bit IF
n bit IF
SLIVER
D igital interface , co nfiguratio n, and co ntro l
lo gic including synchro no us Ethernet clo ck tree
Facility Loop
HS-ref. clo ck
HS-ref. clo ck
Equipm ent-Loop
Input-Lo o p
Pad-Lo o p
IB
OB
TX
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com