Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
62
4.3.1
SerDes Media Control
Register 16E1 controls some functions of the SerDes media interface on ports 0–3. These settings are
only valid for those ports. The following table shows the setting available in this register.
4.3.2
Cu Media CRC Good Counter
Register 18E1 makes it possible to read the contents of the CRC good counter for packets that are
received on the Cu media interface; the number of CRC routines that have executed successfully. The
following table shows the expected readouts.
23E1
Extended PHY control 4 (PoE and CRC error counter)
27E1–28E1 Reserved
29E1
Ethernet packet generator (EPG) 1
30E1
EPG 2
Table 48 •
SerDes Media Control, Address 16E1 (0x10)
Bit
Name
Access Description
Default
15:14 Transmit remote fault
R/W
Remote fault indication sent to link
partner (LP)
00
13:12 Link partner (LP) remote
fault
RO
Remote fault bits sent by LP during
autonegotiation
00
11:10
Reserved
RO
Reserved
9
Allow 1000BASE-X link-up R/W
Sticky bit.
1: Allow 1000BASE-X fiber media link-up
capability
0: Suppress 1000BASE-X fiber media
link-up capability
1
8
Allow 100BASE-FX link-up R/W
Sticky bit.
1: Allow 100BASE-FX fiber media link-up
capability
0: Suppress 100BASE-FX fiber media
link-up capability
1
7
Reserved
RO
Reserved
6
Far end fault detected in
100BASE-FX
RO
Self-clearing bit.
1: Far end fault in 100BASE-FX detected
0
5:0
Reserved
RO
Reserved
Table 49 •
Cu Media CRC Good Counter, Address 18E1 (0x12)
Bit
Name
Access Description
Default
15
Packet since last read
RO
Self-clearing bit.
1: Packet received since last read.
0
14
Reserved
RO
Reserved.
Table 47 •
Extended Registers Page 1 Space (continued)
Address
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com