Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 57 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 57 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 53Page - Microsemi Corporation VSC8504-02 Datasheet HTML 54Page - Microsemi Corporation VSC8504-02 Datasheet HTML 55Page - Microsemi Corporation VSC8504-02 Datasheet HTML 56Page - Microsemi Corporation VSC8504-02 Datasheet HTML 57Page - Microsemi Corporation VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
46
4.2.2
Mode Status
The register at address 1 in the device main registers space allows you to read the currently enabled
mode setting. The following table shows possible readouts of this register.
5
Unidirectional enable
R/W
When bit 0.12 = 1 or bit 0.8 = 0, this bit is
ignored. When bit 0.12 = 0 and bit 0.8 = 1, the
behavior is as follows:
1: Enable transmit from media independent
interface regardless of whether the PHY has
determined that a valid link has been
established.
0: Enable transmit from media independent
interface only when the PHY has determined
that a valid link has been established.
Note: This bit is only applicable in
100BASE-FX and 1000BASE-X
fiber media modes.
0
4:0 Reserved
Reserved.
00000
1.
Before selecting the 1000 Mbps forced speed mode, manually configure the PHY as master or slave by
setting bit 11 in register 9 (1000BASE-T Control). Each time the link drops, the PHY needs to be powered
down manually to enable it to link up again using the master/slave setting specified in register 9.11.
Table 19 •
Mode Status, Address 1 (0x01)
Bit Name
Access Description
Default
15
100BASE-T4 capability
RO
1: 100BASE-T4 capable.
0
14
100BASE-TX FDX capability RO
1: 100BASE-TX FDX capable.
1
13
100BASE-TX HDX capability RO
1: 100BASE-TX HDX capable.
1
12
10BASE-T FDX capability
RO
1: 10BASE-T FDX capable.
1
11
10BASE-T HDX capability
RO
1: 10BASE-T HDX capable.
1
10
100BASE-T2 FDX capability RO
1: 100BASE-T2 FDX capable.
0
9
100BASE-T2 HDX capability RO
1: 100BASE-T2 HDX capable.
0
8
Extended status enable
RO
1: Extended status information present in
register 15.
1
7
Unidirectional ability
RO
1: PHY able to transmit from media
independent interface regardless of
whether the PHY has determined that a
valid link has been established.
0: PHY able to transmit from media
independent interface only when the PHY
has determined that a valid link has been
established.
Note: This bit is only applicable to
100BASE-FX and
1000BASE-X fiber media
modes.
1
6
Preamble suppression
capability
RO
1: MF preamble can be suppressed.
0: MF required.
1
Table 18 •
Mode Control, Address 0 (0x00) (continued)
Bit Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com