Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 46 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation VSC8504-02 Datasheet HTML 46Page - Microsemi Corporation VSC8504-02 Datasheet HTML 47Page - Microsemi Corporation VSC8504-02 Datasheet HTML 48Page - Microsemi Corporation VSC8504-02 Datasheet HTML 49Page - Microsemi Corporation VSC8504-02 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
35
3.17.6.2 QSGMII Mode
When the MAC interface is configured in QSGMII mode, write the following 16-bit value to register 18G:
Bits 15:12 0x9
Bits 11:8: Port address (0x0)
Bits 7:4: Loopback type
Bits 3:0: 0x2
where loopback type is:
0x0: No loopback
0x2: Input loopback
0x4: Facility loopback
0x8: Equipment loopback
Note: Loopback configuration affects all ports associated with a QSGMII. Individual port loopback within a
QSGMII is not possible.
3.17.6.3 Fiber Media Port Mode
When the SerDes is configured as a fiber media port, write the following 16-bit value to register 18G:
Bits 15:12: 0x8
Bits 11:8: Port address
Bits 7:4: Loopback type
Bits 3:0: 0x2
where port address is:
0x1: Fiber0 port
0x2: Fiber1 port
0x4: Fiber2 port
0x8: Fiber3 port
Port addresses for fiber media SerDes can be OR'ed together to address multiple ports using a single
command. bit 18G.15 will be cleared when the internal configuration is complete.
3.17.6.4 Facility Loop
The recovered and de-multiplexer deserializer data output is looped back to the serializer data input and
replaces the data delivered by the digital core. This test loop provides the possibility to test the complete
analog macro data path from outside including input buffer, clock and data recovery, serialization and
output buffer. The data received by the input buffer must be transmitted by the output buffer after some
delay.
Additional configuration of the macro is required for facility loopback mode. When entering facility
loopback mode, the set = 1 option should be run; when exiting facility loopback mode, the set = 0 option
should be run.
PhyWrite(PhyBaseAddr, 31, 0x0010);
PhyWrite(PhyBaseAddr, 18, 0x8s03);
// where “s” is the physical address of the SerDes macro
PhyWrite(PhyBaseAddr, 18, 0xd7cb);
PhyWrite(PhyBaseAddr, 18, 0x8007);
tmp1 = PhyRead(PhyBaseAddr, 18);
tmp2 = tmp1 & 0x0ff0;
if (set)
tmp3 = tmp2 | 0x0010;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com