Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
28
Blink is a 50% duty cycle oscillation of asserting and de-asserting an LED pin. Pulse-stretch guarantees
that an LED is asserted and de-asserted for a specific period of time when activity is either present or not
present. These rates can also be configured using a register setting.
3.13.3.3 Rate of LED Blink or Pulse-Stretch
This behavior controls the LED blink rate or pulse-stretch length when blink/pulse-stretch is enabled on
an LED pin. The blink rate, which alternates between a high and low voltage level at a 50% duty cycle,
can be set to 2.5 Hz, 5 Hz, 10 Hz, or 20 Hz. For pulse-stretch, the rate can be set to 50 ms, 100 ms,
200 ms, or 400 ms. The blink rate selection for PHY0 globally sets the rate used for all LED pins on all
PHY ports.
3.13.3.4 LED Pulsing Enable
To provide additional power savings, the LEDs (when asserted) can be pulsed at 5 kHz with a
programmable duty cycle through register 25G bits 15:8. For duty cycle details, see Table 87, page 84.
3.13.3.5 LED Blink After Reset
The LEDs will blink for one second after power-up and after any time all resets have been de-asserted.
This can be disabled through register 19E1, bit 11 = 0.
3.13.3.6 Fiber LED Disable
This bit controls whether the LEDs indicate the fiber and copper status (default) or the copper status only.
3.13.3.7 Pulse Programmable Control
These bits add the ability to width and frequency of LED pulses. This feature facilitates power reduction
options.
3.13.3.8 Fast Link Failure
For more information about this feature, see Fast Link Failure Indication, page 29.
3.13.4
Basic Serial LED Mode
Optionally, the VSC8504-02 can be configured so that access to all its LED signals is available through
two pins. This option is enabled by setting LED0 on PHY0 to serial LED mode in register 29, bits 7:0 to
0xDD. When setting 3:0 to 0xD on the serial data signal is enabled, setting 7:4 to 0xD enables the serial
clock. When serial LED mode is enabled, the LED0_0 pin becomes the serial data pin, and the LED1_0
pin becomes the serial clock pin. All other LED pins can still be configured normally. The serial LED
mode clocks the 48 LED status bits on the rising edge of the serial clock.
The LED behavior settings can also be used in serial LED mode. The controls are used on a per-PHY
basis, where the LED combine and LED blink or pulse-stretch setting of LED0_n for each PHY is used to
control the behavior of each bit of the serial LED stream for each corresponding PHY. To configure LED
behavior, set device register 30.
The following table shows the 48-bit serial output bitstream of each LED signal. The individual signals
can be clocked in the following order.
Table 9 •
LED Serial Bitstream Order
Output
PHY0 PHY1 PHY2 PHY3
Link/activity
1
13
25
37
Link1000/activity
2
14
26
38
Link100/activity
3
15
27
39
Link10/activity
4
16
28
40
Fiber link/activity
5
17
29
41
Duplex/collision
6
18
30
42
Collision
7
19
31
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com