Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 60 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 56Page - Microsemi Corporation VSC8504-02 Datasheet HTML 57Page - Microsemi Corporation VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
49
4.2.7
Transmit Autonegotiation Next Page
The settings in register 7 in the main registers space provide information about the number of pages in
an autonegotiation sequence. The following table shows the settings available.
4.2.8
Autonegotiation Link Partner Next Page Receive
The bits in register 8 of the main register space work together with register 7 to determine certain aspects
of the LP autonegotiation. The following table shows the possible readouts.
4.2.9
1000BASE-T Control
The VSC8504-02's 1000BASE-T functionality is controlled by the bits in register 9 of the main register
space. The following table shows the settings and readouts available.
Table 25 •
Autonegotiation Next Page Transmit, Address 7 (0x07)
Bit
Name
Access Description
Default
15
Next page
R/W
1: More pages follow
0
14
Reserved
RO
Reserved
0
13
Message page
R/W
1: Message page
0: Unformatted page
1
12
Acknowledge 2
R/W
1: Complies with request
0: Cannot comply with request
0
11
Toggle
RO
1: Previous transmitted LCW = 0 0:
Previous transmitted LCW = 1
0
10:0 Message/unformatted code R/W
00000000001
Table 26 •
Autonegotiation LP Next Page Receive, Address 8 (0x08)
Bit
Name
Access Description
Default
15
LP next page
RO
1: More pages follow
0
14
Acknowledge
RO
1: LP acknowledge
0
13
LP message page
RO
1: Message page
0: Unformatted page
0
12
LP acknowledge 2
RO
1: LP complies with request
0
11
LP toggle
RO
1: Previous transmitted LCW = 0
0: Previous transmitted LCW = 1
0
10:0 LP message/unformatted code RO
All zeros
Table 27 •
1000BASE-T Control, Address 9 (0x09)
Bit
Name
Access Description
Default
15:13 Transmitter test mode R/W
000: Normal
001: Mode 1: Transmit waveform test
010: Mode 2: Transmit jitter test as master
011: Mode 3: Transmit jitter test as slave
100: Mode 4: Transmitter distortion test
101–111: Reserved
000
12
Master/slave manual
configuration
R/W
1: Master/slave manual configuration enabled 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com