Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
29
3.13.5
Enhanced Serial LED Mode
VSC8504-02 can be configured to output up to four LED signals per port on a serial stream that can be
de-serialized externally to drive LEDs on the system board. In enhanced serial LED mode, the port 0 and
port 1 LED output pins serve the following functions:
•
LED0_0/LED0_1: LED_DATA
•
LED1_0/LED1_1: LED_CLK
•
LED2_0/LED2_1: LED_LD
•
LED3_0/LED3_1: LED_PULSE
The serial LED_DATA is shifted out on the falling edge of LED_CLK and is latched in the external
serial-to-parallel converter on the rising edge of LED_CLK. The falling edge of LED_LD signal can be
used to shift the data from the shift register in the converter to the parallel output drive register. When a
separate parallel output drive register is not used in the external serial-to-parallel converter, the LEDs will
blink at a high frequency as the data bits are being shifted through, which may be undesirable. LED pin
functionality is controlled by setting register 25G, bits 7:1.
The LED_PULSE signal provides a 5 kHz pulse stream whose duty cycle can be modulated to turn on/off
LEDs at a high rate. This signal can be tied to the output enable signal of the serial-to-parallel converter
to provide the LED dimming functionality to save energy. The LED_PULSE duty cycle is controlled by
setting register 25G, bits 15:8.
3.13.6
LED Port Swapping
For additional hardware configurations, the VSC8504-02 can have its LED port order swapped. This is a
useful feature to help simplify PCB layout design. Register 25G bit 0 controls the LED port swapping
mode.
Note: LED port swapping only applies to the parallel LED outputs and does not affect the serial LED outputs.
3.14
Fast Link Failure Indication
To aid Synchronous Ethernet applications, the VSC8504-02 can indicate the onset of a link failure in less
than 1 ms (worst-case <3 ms). By comparison, the IEEE 802.3 standard establishes a delay of up to
750 ms before indicating that a 1000BASE-T link is no longer present. A fast link failure indication is
critical to support ports used in a synchronization timing link application. The fast link failure indication
works for all copper media speeds, but not for fiber media. Fast link failure is supported for each PHY
port through the GPIO9/FASTLINK-FAIL pin. For details on how to use the FASTLINK-FAIL pin, see
Table 50, page 63 and Table 81, page 81.
Note: For all links except 1000BASE-T, the fast link failure indication matches the link status register (address
1, bit 2). For 1000BASE-T links, the link failure is based on a circuit that analyzes the integrity of the link,
and at the indication of failure, will assert.
Note: The Fast Link Failure Indication should not be used when EEE is enabled on a link.
3.15
Integrated Two-Wire Serial Multiplexer
The VSC8504-02 includes an integrated quad two-wire serial multiplexer (MUX), eliminating the need for
an external two-wire serial device for the control and status of SFP or PoE modules. There are five
two-wire serial controller pins: four clocks and one shared data pin. Each SFP or PoE connects to the
Activity
8
20
32
44
Fiber activity
9
21
33
45
Tx activity
10223446
Rx activity
11
23
35
47
Autonegotiation fault
12
24
36
48
Table 9 •
LED Serial Bitstream Order (continued)
Output
PHY0 PHY1 PHY2 PHY3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com