Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 51Page - Microsemi Corporation VSC8504-02 Datasheet HTML 52Page - Microsemi Corporation VSC8504-02 Datasheet HTML 53Page - Microsemi Corporation VSC8504-02 Datasheet HTML 54Page - Microsemi Corporation VSC8504-02 Datasheet HTML 55Page - Microsemi Corporation VSC8504-02 Datasheet HTML 56Page - Microsemi Corporation VSC8504-02 Datasheet HTML 57Page - Microsemi Corporation VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
44
Bit numbering follows the IEEE standard with bit 15 being the most significant bit and bit 0 being the least
significant bit.
4.2
IEEE 802.3 and Main Registers
In the VSC8504-02, the page space of the standard registers consists of the IEEE 802.3 standard
registers and the Microsemi standard registers. The following table lists the names of the registers
associated with the addresses as specified by IEEE 802.3.
The following table lists the names of the registers in the main page space of the device. These registers
are accessible only when register address 31 is set to 0x0000.
Table 16 •
IEEE 802.3 Registers
Address
Name
0
Mode Control
1
Mode Status
2
PHY Identifier 1
3
PHY Identifier 2
4
Autonegotiation Advertisement
5
Autonegotiation Link Partner Ability
6
Autonegotiation Expansion
7
Autonegotiation Next-Page Transmit
8
Autonegotiation Link Partner Next-Page Receive
9
1000BASE-T Control
10
1000BASE-T Status
11–12
Reserved
13
Clause 45 Access Registers from IEEE 802.3
Table 22-6 and 22.24.3.11-12 and Annex 22D
14
Clause 45 Access Registers from IEEE 802.3
Table 22-6 and 22.24.3.11-12 and Annex 22D
15
1000BASE-T Status Extension 1
Table 17 •
Main Registers
Address Name
16
100BASE-TX status extension
17
1000BASE-T status extension 2
18
Bypass control
19
Error Counter 1
20
Error Counter 2
21
Error Counter 3
22
Extended control and status
23
Extended PHY control 1
24
Extended PHY control 2
25
Interrupt mask
26
Interrupt status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com