Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 81 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 81 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation VSC8504-02 Datasheet HTML 82Page - Microsemi Corporation VSC8504-02 Datasheet HTML 83Page - Microsemi Corporation VSC8504-02 Datasheet HTML 84Page - Microsemi Corporation VSC8504-02 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
70
4.5
Extended Page 3 Registers
To access the extended page 3 registers (16E3–30E3), enable extended register access by writing
0x0003 to register 31. For more information, see Table 46, page 61.
When extended page 3 register access is enabled, reads and writes to registers 16–30 affect the
extended registers 16E3–30E3 instead of those same registers in the IEEE-specified register space.
Registers 0–15 are not affected by the state of the extended page register access.
Writing 0x0000 to register 31 restores the main register access.
The following table lists the addresses and register names in the extended register page 3 space. These
registers are accessible only when the device register 31 is set to 0x0003.
13
LP ring resiliency
advertisement
RO
0
12
Force ring resiliency
enable (override
autoneg)
R/W
Sticky
0
11:6
Reserved
RO
Reserved
000000
5:4
Ring resiliency
status
RO
Ring resiliency status (from r1000 DSP SM)
00: Timing slave(1)
10: Timing slave becoming master
11: Timing master(1)
01: Timing master becoming slave
11
3:1
Reserved
RO
Reserved
000
0
Start switchover
(only when not in
progress)
RWSC
0
1.
Reflects autoneg master/slave at initial link-up
Table 59 •
Extended Registers Page 3 Space
Address Name
16E3
MAC SerDes PCS Control
17E3
MAC SerDes PCS Status
18E3
MAC SerDes Clause 37 Advertised Ability
19E3
MAC SerDes Clause 37 Link Partner Ability
20E3
MAC SerDes Status
21E3
Media SerDes Transmit Good Packet Counter
22E3
Media SerDes Transmit CRC Error Counter
23E3
Media SerDes PCS Control
24E3
Media SerDes PCS Status
25E3
Media SerDes Clause 37 Advertised Ability
26E3
Media SerDes Clause 37 Link Partner Ability
27E3
Media SerDes status
28E3
Fiber Media CRC Good Counter
Table 58 •
Ring Resiliency, Address 30E2
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com