Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 87Page - Microsemi Corporation VSC8504-02 Datasheet HTML 88Page - Microsemi Corporation VSC8504-02 Datasheet HTML 89Page - Microsemi Corporation VSC8504-02 Datasheet HTML 90Page - Microsemi Corporation VSC8504-02 Datasheet HTML 91Page - Microsemi Corporation VSC8504-02 Datasheet HTML 92Page - Microsemi Corporation VSC8504-02 Datasheet HTML 93Page - Microsemi Corporation VSC8504-02 Datasheet HTML 94Page - Microsemi Corporation VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
80
4.6.6
GPIO Pin Configuration
Register 17G in the GPIO register space controls whether a particular GPIO pin functions as an input or
an output. The following table shows the settings available.
4.6.7
Microprocessor Command
Register 18G is a command register. Bit 15 tells the internal processor to execute the command. When
bit 15 is cleared the command has completed. Software needs to wait until bit 15 = 0 before proceeding
with the next PHY register access. Bit 14 = 1 typically indicates an error condition where the squelch
patch was not loaded. Use the following steps to execute the command:
1.
Write desired command
2.
Check bit 15 (move existing text)
3.
Check bit 14 (if set, then error)
Note: Commands may take up to 25 ms to complete before bit 15 changes to 0.
0
GPIO0/SIGDET0
R/W
GPIO0/SIGDET0 output
0
Table 79 •
GPIO Input/Output Configuration, Address 17G (0x11)
Bit
Name
Access Description
Default
15:14
Reserved
RO
Reserved
13
GPIO13
R/W
GPIO13 output enable
0
12
GPIO12
R/W
GPIO12 output enable
0
11
GPIO11
R/W
GPIO11 output enable
0
10
GPIO10
R/W
GPIO10 output enable
0
9
GPIO9/FASTLINK_FAIL
R/W
GPIO9/FASTLINK_FAIL output enable 0
8
GPIO8/I2C_SDA
R/W
GPIO8/I2C_SDA output enable
0
7
GPIO7/I2C_SCL_3
R/W
GPIO7/I2C_SCL_3 output enable
0
6
GPIO6/I2C_SCL_2
R/W
GPIO6/I2C_SCL_2 output enable
0
5
GPIO5/I2C_SCL_1
R/W
GPIO5/I2C_SCL_1 output enable
0
4
GPIO4/I2C_SCL_0
R/W
GPIO4/I2C_SCL_0 output enable
0
3
GPIO3/SIGDET3
R/W
GPIO3/SIGDET3 output enable
0
2
GPIO2/SIGDET2
R/W
GPIO2/SIGDET2 output enable
0
1
GPIO1/SIGDET1
R/W
GPIO1/SIGDET1 output enable
0
0
GPIO0/SIGDET0
R/W
GPIO0/SIGDET0 output
0
Table 80 •
Microprocessor Command Register, Address 18G
Command
Setting
Enable 4 ports MAC SGMII
0x80F0
Enable 4 ports MAC QSGMII
0x80E0
QSGMII transmitter control(1)
Enable 4 ports Media 1000BASE-X
0x8FC1(2)
Enable 4 ports Media 100BASE-FX
0x8FD1(2)
Table 78 •
GPIO Output, Address 16G (0x10) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com