Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 97 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 97 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 93Page - Microsemi Corporation VSC8504-02 Datasheet HTML 94Page - Microsemi Corporation VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
86
4.6.16
Extended Revision ID
The following table lists the extended revision ID information.
4.7
Clause 45 Registers to Support Energy Efficient Ethernet
and 802.3bf
This section describes the Clause 45 registers that are required to support energy efficient Ethernet.
Access to these registers is through the IEEE standard registers 13 and 14 (MMD access control and
MMD data or address registers) as described in section 4.2.11 and 4.2.12.
The following table lists the addresses and register names in the Clause 45 register page space. When
the link is down, 0 is the value returned for the x.180x addresses.
4.7.1
PCS Status 1
The bits in the PCS Status 1 register provide a status of the EEE operation from the PCS for the link that
is currently active.
Table 89 •
Extended Revision ID, Address 30G (0x1E)
Bit
Name
Access Default
Description
15:1 Reserved
RO
0x0000
Reserved
0
Ext Rev ID RO
0x1
Revision E
Table 90 •
Clause 45 Registers Page Space
Address Name
1.1801
Tx maximum delay through PHY
1.1803
Tx minimum delay through PHY
1.1805
Rx maximum delay through PHY
1.1807
Rx minimum delay through PHY
3.1
PCS status 1
3.20
EEE capability
3.22
EEE wake error counter
4.1801
Tx maximum delay through xMII (SGMII, QSGMII, including FIFO variations)
4.1803
Tx minimum delay through xMII (SGMII, QSGMII, including FIFO variations)
4.1805
Rx maximum delay through xMII (SGMII, QSGMII, including FIFO variations)
4.1807
Rx minimum delay through xMII (SGMII, QSGMII, including FIFO variations)
7.60
EEE advertisement
7.61
EEE link partner advertisement
Table 91 •
PCS Status 1, Address 3.1
Bit
Name
Access Description
15:12 Reserved
RO
Reserved
11
Tx LPI received
RO/LH
1: Tx PCS has received LPI
0: LPI not received
10
Rx LPI received
RO/LH
1: Rx PCS has received LPI
0: LPI not received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com