Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 67 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
56
Note: After configuring bits 13:8 of the extended PHY control register set 1, a software reset (register 0, bit 15)
must be written to change the device operating mode. On read, these bits only indicate the actual
operating mode and not the pending operating mode setting before a software reset has taken place.
4.2.22
Extended PHY Control Set 2
The second set of extended controls is located in register 24 in the main register space for the device.
The following table shows the settings and readouts available.
10:8
Media operating
mode
R/W
Super-sticky bits.
000: Cat5 copper only.
001: SerDes fiber/SFP protocol transfer mode
only.
010: 1000BASE-X fiber/SFP media only with
autonegotiation performed by the PHY.
011: 100BASE-FX fiber/SFP on the fiber media
pins only.
101: Automatic media sense (AMS) with Cat5
media or SerDes fiber/SFP protocol transfer
mode.
110: AMS with Cat5 media or 1000BASE-X
fiber/SFP media with autonegotiation performed
by PHY.
111: AMS with Cat5 media or 100BASE-FX
fiber/SFP media.
100: AMS.
000
7:6
Force AMS override R/W
Sticky bits.
00: Normal AMS selection
01: Force AMS to select SerDes media only
10: Force AMS to select copper media only
11: Reserved
00
5:4
Reserved
RO
Reserved.
3
Far-end loopback
mode
R/W
1: Enabled.
0
2:0
Reserved
RO
Reserved.
Table 40 •
Extended PHY Control 2, Address 24 (0x18)
Bit
Name
Access Description
Default
15:13 100BASE-TX edge
rate control
R/W
Sticky bit.
011: +5 edge rate (slowest)
010: +4 edge rate
001: +3 edge rate
000: +2 edge rate
111: +1 edge rate
110: Default edge rate
101: –1 edge rate
100: –2 edge rate (fastest)
001
12
PICMG 2.16 reduced
power mode
R/W
Sticky bit.
1: Enabled
0
11:6
Reserved
RO
Reserved
Table 39 •
Extended PHY Control 1, Address 23 (0x17) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com