Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 83Page - Microsemi Corporation VSC8504-02 Datasheet HTML 84Page - Microsemi Corporation VSC8504-02 Datasheet HTML 85Page - Microsemi Corporation VSC8504-02 Datasheet HTML 86Page - Microsemi Corporation VSC8504-02 Datasheet HTML 87Page - Microsemi Corporation VSC8504-02 Datasheet HTML 88Page - Microsemi Corporation VSC8504-02 Datasheet HTML 89Page - Microsemi Corporation VSC8504-02 Datasheet HTML 90Page - Microsemi Corporation VSC8504-02 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
76
4.5.14
Fiber Media CRC Error Counter
Register 29E3 makes it possible to read the contents of the CRC error counter for packets that are
received on the Fiber media interface. The following table shows the expected readouts.
4.6
General Purpose Registers
Accessing the general purpose register space is similar to accessing the extended page registers. Set
register 31 to 0x0010. This sets all 32 registers to the general purpose register space.
To restore main register page access, write 0x0000 to register 31.
The following table lists the addresses and register names in the general purpose register page space.
These registers are accessible only when the device register 31 is set to 0x0010. All general purpose
register bits are super-sticky.
Table 73 •
Fiber Media CRC Error Counter, Address 29E3 (0x1D)
Bit
Name
Access Description
Default
15:8 Reserved
RO
Reserved.
7:0
Fiber Media CRC
error counter
RO
Self-clearing bit. CRC error counter for packets
received on the Fiber media interface. The value
saturates at 0xFF and subsequently clears when
read and restarts count.
0x00
Table 74 •
General Purpose Registers Page Space
Address Name
0G–12G
Reserved
13G
LED/SIGDET/GPIO Control
14G
GPIO Control 2
15G
GPIO Input
16G
GPIO Output
17G
GPIO Output Enable
18G
Micro Command
19G
MAC Mode and Fast Link Configuration
20G
Two-Wire Serial MUX Control 1
21G
Two-Wire Serial MUX Control 2
22G
Two-Wire Serial MUX Data Read/Write
23G
Recovered Clock 0 Control
24G
Recovered Clock 1 Control
25G
Enhanced LED Control
26G
Reserved
27G
Reserved
28G
Reserved
29G
Global Interrupt Status
30G
Extended Revision ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com