Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
64
4.3.4
ActiPHY Control
Register 20E1 controls the device ActiPHY sleep timer, its wake-up timer, and its link speed downshifting
feature. The following table shows the settings available.
Table 51 •
Extended PHY Control 3, Address 20E1 (0x14)
Bit
Name
Access Description
Default
15
Disable carrier extension R/W
1: Disable carrier extension in 1000BASE-T
copper links
1
14:13 ActiPHY sleep timer
R/W
Sticky bit.
00: 1 second
01: 2 seconds
10: 3 seconds
11: 4 seconds
01
12:11
ActiPHY wake-up timer
R/W
Sticky bit.
00: 160 ms
01: 400 ms
10: 800 ms
11: 2 seconds
00
10
Reserved
RO
Reserved
9
PHY address reversal
R/W
Sticky bit.
Reverse PHY address
Enabling causes physical PHY 0 to have
address of 3, PHY 1 address of 2, PHY 2
address of 1, and PHY 3 address of 0.
Changing this bit to 1 should initially be
done from PHY 0 and changing to 0 from
PHY3
1: Enabled
0: Disabled
0
8
Reserved
RO
Valid only on PHY0
7:6
Media mode status
RO
00: No media selected
01: Copper media selected
10: SerDes media selected
11: Reserved
00
5
Enable 10BASE-T no
preamble mode
R/W
Sticky bit.
1: 10BASE-T will assert RX_DV indication
when data is presented to the receiver even
without a preamble preceding it
0
4
Enable link speed
autodownshift feature
R/W
Sticky bit.
1: Enable auto link speed downshift from
1000BASE-T
0
3:2
Link speed auto downshift
control
R/W
Sticky bits.
00: Downshift after 2 failed 1000BASE-T
autonegotiation attempts
01: Downshift after 3 failed 1000BASE-T
autonegotiation attempts
10: Downshift after 4 failed 1000BASE-T
autonegotiation attempts
11: Downshift after 5 failed 1000BASE-T
autonegotiation attempts
01
1
Link speed auto downshift
status
RO
0: No downshift
1: Downshift is required or has occurred
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com