Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 58 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 58 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 54Page - Microsemi Corporation VSC8504-02 Datasheet HTML 55Page - Microsemi Corporation VSC8504-02 Datasheet HTML 56Page - Microsemi Corporation VSC8504-02 Datasheet HTML 57Page - Microsemi Corporation VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
47
4.2.3
Device Identification
All 16 bits in both register 2 and register 3 in the VSC8504-02 are used to provide information associated
with aspects of the device identification. The following tables list the expected readouts.
4.2.4
Autonegotiation Advertisement
The bits in address 4 in the main registers space control the VSC8504-02 ability to notify other devices of
the status of its autonegotiation feature. The following table shows the available settings and readouts.
5
Autonegotiation complete
RO
1: Autonegotiation complete.
0
4
Remote fault
RO
Latches high.
1: Far-end fault detected.
0
3
Autonegotiation capability
RO
1: Autonegotiation capable.
1
2
Link status
RO
Latches low.
1: Link is up.
0
1
Jabber detect
RO
Latches high.
1: Jabber condition detected.
0
0
Extended capability
RO
1: Extended register capable.
1
Table 20 •
Identifier 1, Address 2 (0x02)
Bit
Name
Access Description
Default
15:0 Organizationally unique identifier
(OUI)
RO
OUI most significant bits (3:18)
0×0007
Table 21 •
Identifier 2, Address 3 (0x03)
Bit
Name
Access Description
Default
15:10 OUI
RO
OUI least significant bits (19:24)
000001
9:4
Microsemi model
number
RO
VSC8504-02 (0xC)
001100
3:0
Device revision number RO
See register 30G for the extended
revision identification of this
device.
0010
Table 22 •
Device Autonegotiation Advertisement, Address 4 (0x04)
Bit Name
Access Description
Default
15
Next page transmission request R/W
1: Request enabled
0
14
Reserved
RO
Reserved
0
13
Transmit remote fault
R/W
1: Enabled
0
12
Reserved
R/W
Reserved
0
11
Advertise asymmetric pause
R/W
1: Advertises asymmetric pause
0
10
Advertise symmetric pause
R/W
1: Advertises symmetric pause
0
9
Advertise100BASE-T4
R/W
1: Advertises 100BASE-T4
0
8
Advertise100BASE-TX FDX
R/W
1: Advertise 100BASE-TX FDX
1
Table 19 •
Mode Status, Address 1 (0x01) (continued)
Bit Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com