Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 34 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 30Page - Microsemi Corporation VSC8504-02 Datasheet HTML 31Page - Microsemi Corporation VSC8504-02 Datasheet HTML 32Page - Microsemi Corporation VSC8504-02 Datasheet HTML 33Page - Microsemi Corporation VSC8504-02 Datasheet HTML 34Page - Microsemi Corporation VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
23
3.11.2
Clock Output Squelch
Under certain conditions, the PHY outputs a clock based on the REFCLK_P and REFCLK_N pins, such
as when there is no link present or during autonegotiation. To prevent an undesirable clock from
appearing on the recovered clock pins, the VSC8504-02 squelches, or inhibits, the clock output based on
any of the following criteria:
•
No link is detected (the link status register 1, bit 2 = 0). In fiber media modes, sync status is required
to unsquelch the recovered clock output instead of link status.
•
The link is found to be unstable using the fast link failure detection feature. The
GPIO9/FASTLINK-FAIL pin is asserted high when enabled.
•
The active link is in 10BASE-T or in 1000BASE-T master mode. These modes produce unreliable
recovered clock sources.
•
CLK_SQUELCH_IN is enabled to squelch the clock.
Use registers 23G or 24G, bits 5:4 to configure the clock squelch criteria. These registers can also
disable the squelch feature. The CLK_SQUELCH_IN pin controls the squelching of the clock. Both
RCVRDCLK1 and RCVRDCLK2 are squelched when the CLK_SQUELCH_IN pin is high.
3.12
Serial Management Interface
The VSC8504-02 device includes an IEEE 802.3-compliant serial management interface (SMI) that is
affected by use of its MDC and MDIO pins. The SMI provides access to device control and status
registers. The register set that controls the SMI consists of 32 16-bit registers, including all required
IEEE-specified registers. Also, there are additional pages of registers accessible using device register
31.
Energy efficient Ethernet control registers are available through the SMI using Clause 45 registers and
Clause 22 register access in registers 13 through 14. For more information, see Table 7, page 26 and
Table 68, page 74.
The SMI is a synchronous serial interface with input data to the VSC8504-02 on the MDIO pin that is
clocked on the rising edge of the MDC pin. The output data is sent on the MDIO pin on the rising edge of
the MDC signal. The interface can be clocked at a rate from 0 MHz to 12.5 MHz, depending on the total
load on MDIO. An external 2-k
Ω pull-up resistor is required on the MDIO pin.
3.12.1
SMI Frames
Data is transferred over the SMI using 32-bit frames with an optional, arbitrary-length preamble. Before
the first frame can be sent, at least two clock pulses on MDC must be provided with the MDIO signal at
logic one to initialize the SMI state machine. The following illustrations show the SMI frame format for
read and write operations.
Figure 26 •
SMI Read Frame
MDIO
Idle Preamble
(optional)
SFD
Read
MDC
Station manager drives MDIO
PHY drives MDIO
PHY Address
Register Address
to PHY
TA
Register Data
from PHY
Idle
ZZ
Z
11
00
0
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
D0 Z
Z
D1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com