Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
57
Note: When bits 5:4 are set to jumbo packet mode, the default maximum packet values are based on 100 ppm
driven reference clock to the device. Controlling the ppm offset between the MAC and the PHY as
specified in the bit description results in a higher jumbo packet length.
4.2.23
Interrupt Mask
These bits control the device interrupt mask. The following table shows the settings available.
Note: When bit 25.15 is set, the MDINT pin is enabled. When enabled, the state of this pin reflects the state of
bit 26.15. Clearing this bit only inhibits the MDINT pin from being asserted. Also, before enabling this bit,
read register 26 to clear any previously inactive interrupts pending that will cause bit 25.15 to be set.
5:4
Jumbo packet mode
R/W
Sticky bit.
00: Normal IEEE 1.5 kB packet length
01: 9 kB jumbo packet length (12 kB with
60 ppm or better reference clock)
10: 12 kB jumbo packet length (16 kB with
70 ppm or better reference clock)
11: Reserved
00
3:1
Reserved
RO
Reserved
0
1000BASE-T
connector loopback
R/W
1: Enabled
0
Table 41 •
Interrupt Mask, Address 25 (0x19)
Bit
Name
Access Description
Default
15
MDINT interrupt status enable
R/W
Sticky bit. 1: Enabled.
0
14
Speed state change mask
R/W
Sticky bit. 1: Enabled.
0
13
Link state change mask
R/W
Sticky bit. 1: Enabled.
0
12
FDX state change mask
R/W
Sticky bit. 1: Enabled.
0
11
Autonegotiation error mask
R/W
Sticky bit. 1: Enabled.
0
10
Autonegotiation complete mask
R/W
Sticky bit. 1: Enabled.
0
9
Inline powered device (PoE) detect mask R/W
Sticky bit. 1: Enabled.
0
8
Symbol error interrupt mask
R/W
Sticky bit. 1: Enabled.
0
7
Fast link failure interrupt mask(1)
1.
The interrupt is only valid for 100 Mbps and 1000 Mbps speeds. Notification at 10 Mbps speed requires
use of the FASTLINK-FAIL pin.
R/W
Sticky bit. 1: Enabled.
0
6:5
Reserved
R/W
0
4
AMS media changed mask(2)
2.
If hardware interrupts are not used, the mask can still be set and the status polled for changes.
R/W
Sticky bit. 1: Enabled.
0
3
False carrier interrupt mask
R/W
Sticky bit. 1: Enabled.
0
2
Link speed downshift detect mask
R/W
Sticky bit. 1: Enabled.
0
1
Master/Slave resolution error mask
R/W
Sticky bit. 1: Enabled.
0
0
RX_ER interrupt mask
R/W
Sticky bit. 1: Enabled.
0
Table 40 •
Extended PHY Control 2, Address 24 (0x18) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com