Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 65 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 65 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
54
4.2.17
Error Counter 1
The bits in register 19 provide an error counter. The following table shows the settings available.
4.2.18
Error Counter 2
The bits in register 20 provide an error counter. The following table shows the settings available.
4.2.19
Error Counter 3
The bits in register 21 provide an error counter. The following table shows the settings available.
4.2.20
Extended Control and Status
The bits in register 22 provide additional device control and readouts. The following table shows the
settings available.
Table 35 •
Error Counter 1, Address 19 (0x13)
Bit
Name
Access Description
Default
15:8 Reserved
RO
Reserved.
7:0
100/1000 receive
error counter
RO
8-bit counter that saturates when it reaches
255. These bits are self-clearing when read.
0x00
Table 36 •
Error Counter 2, Address 20 (0x14)
Bit
Name
Access Description
Default
15:8 Reserved
RO
Reserved.
7:0
100/1000 false carrier
counter
RO
8-bit counter that saturates when it reaches
255. These bits are self-clearing when read.
0x00
Table 37 •
Error Counter 3, Address 21 (0x15)
Bit
Name
Access Description
Default
15:8 Reserved
RO
Reserved.
7:0
Copper media link
disconnect counter
RO
8-bit counter that saturates when it reaches
255. These bits are self-clearing when read.
0x00
Table 38 •
Extended Control and Status, Address 22 (0x16)
Bit
Name
Access Description
Default
15
Force 10BASE-T link high
R/W
Sticky bit.
1: Bypass link integrity test
0: Enable link integrity test
0
14
Jabber detect disable
R/W
Sticky bit.
1: Disable jabber detect
0
13
Disable 10BASE-T echo
R/W
Sticky bit.
1: Disable 10BASE-T echo
1
12
Disable SQE mode
R/W
Sticky bit.
1: Disable SQE mode
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com