Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 44 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation VSC8504-02 Datasheet HTML 46Page - Microsemi Corporation VSC8504-02 Datasheet HTML 47Page - Microsemi Corporation VSC8504-02 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
33
3.17.2.1 Copper Interface CRC Counters
Two separate CRC counters are available and reside between the copper interface PCSs and SerDes
MAC interface. There is a 14-bit good CRC counter available through register bits 18E1.13:0 and a
separate 8-bit bad CRC counter available in register bits 23E1.7:0.
3.17.2.2 SerDes Interface CRC Counters
Two separate CRC counters are available and reside between the SerDes media interface PCSs and
SerDes MAC interface. There is a 14-bit good CRC counter available through register bits 28E3.13:0 and
a separate 8-bit bad CRC counter available in register bits 29E3.7:0.
3.17.2.3 SerDes Fiber Media Transmit Counters
Two fiber media transmit counters are available to verify packets being transmitted on the fiber media.
Register bits 21E3.13:0 are the good CRC packet counters and register bits 22E3.7:0 are the CRC error
counters.
3.17.3
Far-End Loopback
The far-end loopback testing feature is enabled by setting register bit 23.3 to 1. When enabled, it forces
incoming data from a link partner on the current media interface, into the MAC interface of the PHY, to be
retransmitted back to the link partner on the media interface as shown in the following illustration. In
addition, the incoming data also appears on the receive data pins of the MAC interface. Data present on
the transmit data pins of the MAC interface is ignored when using this testing feature.
Figure 32 •
Far-End Loopback Diagram
3.17.4
Near-End Loopback
When the near-end loopback testing feature is enabled, transmitted data (TXD) is looped back in the
PCS block onto the receive data signals (RXD), as shown in the following illustration. When using this
testing feature, no data is transmitted over the network. To enable near-end loopback, set the device
register bit 0.14 to 1.
Figure 33 •
Near-End Loopback Diagram
3.17.5
Connector Loopback
The connector loopback testing feature allows the twisted pair interface to be looped back externally.
When using this feature, the PHY must be connected to a loopback connector or a loopback cable.
Connect pair A to pair B, and pair C to pair D, as shown in the following illustration. The connector
loopback feature functions at all available interface speeds.
Figure 34 •
Connector Loopback Diagram
Link Partner
TXD
RXD
MAC
PHY_port_
n
TX
RX
Link Partner
TXD
RXD
MAC
PHY_port_
n
TX
RX
TXD
RXD
MAC
PHY_port_
n
Cat5
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com