Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
30
multipurpose GPIO[7:4]_I2C_SCL_[3:0] and GPIO8/I2C_SDA device pins, which must be configured to
the corresponding two-wire serial function. For more information about configuring the pins, see
Two-Wire Serial MUX Control 1, page 81. For SFP modules, VSC8504-02 can also provide control for
the MODULE_DETECT and TX_DIS module pins using the multipurpose LED and GPIO pins.
Figure 30 •
Two-Wire Serial MUX with SFP Control and Status
3.15.1
Read/Write Access Using the Two-Wire Serial MUX
Using the integrated two-wire serial MUX, the VSC8504-02 device can read and write to an SFP or PoE
module through the SCL and SDA pins. If the ability is required to write to the slave two-wire serial
device, refer to the device's specific datasheet for more information.
Note: The VSC8504-02 device does not automatically increment the two-wire serial address. Each desired
address must be intentionally set.
Main control of the integrated two-wire serial MUX is available through register 20G. The two-wire serial
MUX pins are enabled or disabled using register 20G bits 3:0. Register 20G bits 15:9 set the two-wire
serial device address (the default is 0xA0). Using register 20G bits 5:4, the two-wire serial frequency can
be changed from 100 kHz to other speeds, such as 50 kHz, 100 kHz (the default), 400 kHz, and 2 MHz.
Note: The frequencies listed are available when the PHY API is used.
Registers 21G and 22G provide status and control of the read/write process. The following illustration
shows the read and write register flow.
Management
Interface
MDC
MDIO
PHY
Integrated I2C
Mux
GPIO4/I2C_SCL_0
GPIO5/I2C_SCL_1
GPIO6/I2C_SCL_2
GPIO7/I2C_SCL_3
GPIO8/I2C_SDA
SFP0
SDA
SCL
SFP1
SDA
SCL
SFP2
SDA
SCL
SFP3
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com