Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 84 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 84 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation VSC8504-02 Datasheet HTML 82Page - Microsemi Corporation VSC8504-02 Datasheet HTML 83Page - Microsemi Corporation VSC8504-02 Datasheet HTML 84Page - Microsemi Corporation VSC8504-02 Datasheet HTML 85Page - Microsemi Corporation VSC8504-02 Datasheet HTML 86Page - Microsemi Corporation VSC8504-02 Datasheet HTML 87Page - Microsemi Corporation VSC8504-02 Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
73
4.5.5
MAC SerDes Status
The register at address 20E3 consists of the bits that provide access to MAC SerDes status. The
following table shows the settings available.
4.5.6
Media SerDes Transmit Good Packet Counter
The register at address 21E3 consists of the bits that provide status of the media SerDes transmit good
packet counter. The following table shows the settings available.
4.5.7
Media SerDes Transmit CRC Error Counter
The register at address 22E3 consists of the bits that provide status of the media SerDes transmit packet
count that had a CRC error. The following table shows the settings available.
4.5.8
Media SerDes PCS Control
The register at address 23E3 consists of the bits that provide access to and control over Media SerDes
PCS control. The following table shows the settings available.
Table 64 •
MAC SerDes Status, Address 20E3 (0x14)
Bit
Name
Access Description
15
Reserved
RO
Reserved
14
MAC comma detect
RO
Super-sticky bit. Cleared upon SW reset.
1: Comma detected
0: Comma not detected
13
QSGMII sync status
RO
12:0 Reserved
RO
Reserved
Table 65 •
Media SerDes Tx Good Packet Counter, Address 21E3 (0x15)
Bit
Name
Access Description
15
Tx good packet counter active
RO
1: Transmit good packet counter active
14
Reserved
RO
Reserved
13:0 Tx good packet count
RO
Transmit good packet count modulo 10000
Table 66 •
Media SerDes Tx CRC Error Counter, Address 22E3 (0x16)
Bit
Name
Access Description
15:8 Reserved
RO
Reserved
7:0
Tx CRC packet count RO
Transmit CRC packet count (saturates at 255)
Table 67 •
Media SerDes PCS Control, Address 23E3 (0x17)
Bit
Name
Access Description
Default
15:14 Reserved
RO
Reserved
13
Media interface autonegotiation
parallel-detection
R/W
Sticky bit.
1: SerDes media autonegotiation
parallel detect enabled
0
12
Reserved
RO
Reserved
11
Force advertised ability
R/W
1: Force 16-bit advertised ability
from register 25E3.15:0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com