Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 99 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 99 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
88
4.7.5
EEE Link Partner Advertisement
All the bits in the EEE LP Advertisement register are read only. A write to the EEE LP advertisement
register has no effect. When the AN process has been completed, this register will reflect the contents of
the link partner's EEE advertisement register. The following table shows the bit assignments for the EEE
advertisement register.
The following table shows the bit assignments for the 802.3bf registers. When the link is down, 0 is the
value returned. cl45reg1_1801 would be device address of 1 and register address of 1801.
1
100BASE-TX
EEE
R/W
1: Advertise that the 100BASE-TX has EEE
capability
0: Do not advertise that the 100BASE-TX has EEE
capability
0
0
Reserved
RO
Reserved
Table 95 •
EEE Advertisement, Address 7.61
Bit
Name
Access Description
15:3 Reserved
RO
Reserved
2
1000BASE-T EEE RO
1: Link partner is advertising EEE capability for 1000BASE-T
0: Link partner is not advertising EEE capability for
1000BASE-T
1
100BASE-TX
EEE
RO
1: Link partner is advertising EEE capability for 100BASE-TX
0: Link partner is not advertising EEE capability for
100BASE-TX
0
Reserved
RO
Reserved
Table 96 •
802.3bf Registers
Register
Name
Function
1.1801
cl45reg1_1801_val[15:0]
Tx maximum delay through PHY (PMA/PMD/PCS)
1.1803
cl45reg1_1803_val[15:0]
Tx minimum delay through PHY (PMA/PMD/PCS)
1.1805
cl45reg1_1805_val[15:0]
Rx maximum delay through PHY (PMA/PMD/PCS)
1.1807
cl45reg1_1807_val[15:0]
Rx minimum delay through PHY (PMA/PMD/PCS)
4.1801
cl45reg4_1801_val[15:0]
Tx maximum delay through xMII (SGMII, QSGMII,
including FIFO variations)
4.1803
cl45reg4_1803_val[15:0]
Tx minimum delay through xMII (SGMII, QSGMII,
including FIFO variations)
4.1805
cl45reg4_1805_val[15:0]
Rx maximum delay through xMII (SGMII, QSGMII,
including FIFO variations)
4.1807
cl45reg4_1807_val[15:0]
Rx minimum delay through xMII (SGMII, QSGMII,
including FIFO variations)
Table 94 •
EEE Advertisement, Address 7.60 (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com