Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
91
Figure 38 •
SGMII DC Transmit Test Circuit
Figure 39 •
SGMII DC Definitions
Δ|VOD| = | |VOAH – VOBL| – |VOBH – VOAL| |
ΔVOS =| ½(VOAH +VOBL) – ½(VOAL +VOBH) |
Figure 40 •
SGMII DC Driver Output Impedance Test Circuit
The following table lists the DC specifications for the SGMII receivers.
Change in VOS between 0 and 1,
SGMII mode
ΔVOS
25
mV
RL =100 Ω ±1%
Output current, driver shorted to
GND, SGMII mode
|IOSA|,
|IOSB|
40
mA
Output current, drivers shorted
together, SGMII mode
|IOSAB|12
mA
1.
Requires AC-coupling for SGMII compliance.
2.
Matching of reflection coefficients. For more information about test methods, see
IEEE Std 1596.3-1996.
Table 102 •
SerDes Receiver DC Specifications
Parameter
Symbol Minimum
Maximum
Unit Condition
Input voltage range, VIA or VIB
VI
–25
1250
mV
Table 101 •
SerDes Driver DC Specifications (continued)
Parameter
Symbol Minimum
Maximum
Unit Condition
V
OA
V
OB
100
Ω ± 1%
V
OD = VOA – VOB
V
OS = ½ (VOA + VOB)
VOA
VOB
GND
0 V differential
VOD
|VOD|
|VOD|
VOS
GND
0 V differential
VOS
V
OA
V
OB
50
Ω ± 0.1%
0 and 1
50
Ω ± 0.1%
V
c
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com