Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 31Page - Microsemi Corporation VSC8504-02 Datasheet HTML 32Page - Microsemi Corporation VSC8504-02 Datasheet HTML 33Page - Microsemi Corporation VSC8504-02 Datasheet HTML 34Page - Microsemi Corporation VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
24
Figure 27 •
SMI Write Frame
The following list provides additional information about the terms used in the SMI read and write timing
diagrams.
•
Idle—During idle, the MDIO node goes to a high-impedance state. This allows an external pull-up
resistor to pull the MDIO node up to a logical 1 state. Because the idle mode does not contain any
transitions on MDIO, the number of bits is undefined during idle.
•
Preamble—By default, preambles are not expected or required. The preamble is a string of ones. If
it exists, the preamble must be at least 1 bit; otherwise, it can be of an arbitrary length.
•
Start of Frame (SFD)—A pattern of 01 indicates the start of frame. If the pattern is not 01, all
following bits are ignored until the next preamble pattern is detected.
•
Read or Write Opcode—A pattern of 10 indicates a read. A 01 pattern indicates a write. If the bits are
not either 01 or 10, all following bits are ignored until the next preamble pattern is detected.
•
PHY Address—The particular VSC8504-02 responds to a message frame only when the received
PHY address matches its physical address. The physical address is 5 bits long (4:0).
•
Register Address—The next five bits are the register address.
•
Turnaround—The two bits used to avoid signal contention when a read operation is performed on
the MDIO are called the turnaround (TA) bits. During read operations, the VSC8504-02 drives the
second TA bit, a logical 0.
•
Data—The 16-bits read from or written to the device are considered the data or data stream. When
data is read from a PHY, it is valid at the output from one rising edge of MDC to the next rising edge
of MDC. When data is written to the PHY, it must be valid around the rising edge of MDC.
•
Idle—The sequence is repeated.
3.12.2
SMI Interrupt
The SMI includes an output interrupt signal, MDINT, for signaling the station manager when certain
events occur in the VSC8504-02.
The MDINT pin can be configured for open-drain (active-low) by tying the pin to a pull-up resistor and to
VDDIO. The following illustration shows this configuration.
Figure 28 •
MDINT Configured as an Open-Drain (Active-Low) Pin
Alternatively, the MDINT pin can be configured for open-source (active-high) by tying the pin to a pull-
down resistor and to VSS. The following illustration shows this configuration.
MDIO
Idle Preamble
(optional)
SFD
Write
MDC
Station manager drives MDIO (PHY tri-states MDIO during the entire sequence)
PHY Address
Register Address
to PHY
TA
Register Data
from PHY
Idle
ZZ
1
11
01
0
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
D0 Z
Z
D1
0
MDINT
(to the Station
Manager)
Interrupt Pin Enable
(Register 25.15)
Interrupt Pin Status
(Register 26.15)
External Pull-up
Resistor at the
Station Manager
for Open-drain
(Active-low Mode)
VDDIO
PHY_n
MDINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com