Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
58
4.2.24
Interrupt Status
The status of interrupts already written to the device is available for reading from register 26 in the main
registers space. The following table shows the expected readouts.
The following information applies to the interrupt status bits:
•
All set bits in this register are cleared after being read (self-clearing). If bit 26.15 is set, the cause of
the interrupt can be read by reading bits 26.14:0.
•
For bits 26.14 and 26.12, bit 0.12 must be set for this interrupt to assert.
•
For bit 26.2, bits 4.8:5 must be set for this interrupt to assert.
•
For bit 26.0, this interrupt will not occur when RX_ER is used for carrier-extension decoding of a link
partner's data transmission.
4.2.25
Device Auxiliary Control and Status
Register 28 provides control and status information for several device functions not controlled or
monitored by other device registers. The following table shows the settings available and the expected
readouts.
Table 42 •
Interrupt Status, Address 26 (0x1A)
Bit
Name
Access Description
Default
15
Interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
14
Speed state change status
RO
Self-clearing bit. 1: Interrupt pending.
0
13
Link state change status
RO
Self-clearing bit. 1: Interrupt pending.
0
12
FDX state change status
RO
Self-clearing bit. 1: Interrupt pending.
0
11
Autonegotiation error status
RO
Self-clearing bit. 1: Interrupt pending.
0
10
Autonegotiation complete status RO
Self-clearing bit. 1: Interrupt pending.
0
9
Inline powered device detect
status
RO
Self-clearing bit. 1: Interrupt pending.
0
8
Symbol error status
RO
Self-clearing bit. 1: Interrupt pending.
0
7
Fast link failure detect status
RO
Self-clearing bit. 1: Interrupt pending.
0
6:5
Reserved
RO
0
4
AMS media changed mask(1)
1.
If hardware interrupts are not used, the mask can still be set and the status polled for changes.
RO
Self-clearing bit. 1: Interrupt pending.
0
3
False carrier interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
2
Link speed downshift detect
status
RO
Self-clearing bit. 1: Interrupt pending.
0
1
Master/Slave resolution error
status
RO
Self-clearing bit. 1: Interrupt pending.
0
0
RX_ER interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
Table 43 •
Auxiliary Control and Status, Address 28 (0x1C)
Bit Name
Access Description
Default
15
Autonegotiation complete
RO
Duplicate of bit 1.5
0
14
Autonegotiation disabled
RO
Inverted duplicate of bit 0.12
0
131 HP Auto-MDIX crossover
indication
RO
1: HP Auto-MDIX crossover performed
internally
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com