Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 80 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 80 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation VSC8504-02 Datasheet HTML 82Page - Microsemi Corporation VSC8504-02 Datasheet HTML 83Page - Microsemi Corporation VSC8504-02 Datasheet HTML 84Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
69
4.4.3
Ring Resiliency Control
The following table shows the register settings for the ring resiliency controls at address 30E2.
14
Enable LED in fiber
unidirectional mode
R/W
Sticky bit.
1: Enable LED functions in fiber unidirectional
mode.
0
13:10 Invert LED polarity
R/W
Sticky bits.
Invert polarity of LED[3:0]_[3:0] signals. Default
is to drive an active low signal on the LED pins.
This also applies to enhanced serial LED mode.
For more information, see Enhanced Serial LED
Mode, page 29.
0000
9:6
Reserved
RO
Reserved.
5
Enable 1000BASE-T
force mode
R/W
Sticky bit.
1: Enable 1000BASE-T force mode to allow PHY
to link-up in 1000BASE-T mode without forcing
master/slave when register 0, bits 6 and 13 are
set to 2’b10.
0
41
Force transmit LPI
R/W
Sticky bit.
1: Enable the EPG to transmit LPI on the MDI,
ignore data from the MAC interface.
0: Transmit idles being received from the MAC.
0
3
Inhibit 100BASE-TX
transmit EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on transmit
path MDI in 100BASE-TX mode when receiving
LPI from MAC.
0
2
Inhibit 100BASE-TX
receive EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on receive
path MAC interface in 100BASE-TX mode when
receiving LPI from the MDI.
0
1
Inhibit 1000BASE-T
transmit EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on transmit
path MDI in 1000BASE-T mode when receiving
LPI from MAC.
0
0
Inhibit 1000BASE-T
receive EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on receive
path MAC interface in 1000BASE-T mode when
receiving LPI from the MDI.
0
1.
17E2 bits 4:0 are for debugging purposes only, not for operational use.
Table 58 •
Ring Resiliency, Address 30E2
Bit
Name
Access Description
Default
15
Ring resiliency
startup enable
(master TR enable)
R/W
Sticky
0
14
Advertise ring
resiliency
R/W
Sticky
0
Table 57 •
EEE Control, Address 17E2 (0x11) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com