Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 79 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 79 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation VSC8504-02 Datasheet HTML 82Page - Microsemi Corporation VSC8504-02 Datasheet HTML 83Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
68
4.4.2
EEE Control
The register at address 17E2 consists of the bits that provide additional control over the chip behavior in
energy efficient Ethernet (IEEE 802.3az-2010) mode.
7:4
10BASE-T signal
amplitude trim(3)
R/W
Sticky bits.
10BASE-T signal amplitude
1111: -7%
1110: -7.9%
1101: -8.8%
1100: -9.7%
1011: -10.6%
1010: -11.5%
1001: -12.4%
1000: -13.3%
0111: 0%
0110: -0.7%
0101: -1.6%
0100: -2.5%
0011: -3.4%
0010: -4.3%
0001: -5.2%
0000: -6.1%
1011
3:0
10BASE-Te signal
amplitude trim
R/W
Sticky bits.
10BASE-Te signal amplitude
1111: -30.45%
1110: -31.1%
1101: -31.75%
1100: -32.4%
1011: -33.05%
1010: -33.7%
1001: -34.35%
1000: -35%
0111: -25.25%
0110: -25.9%
0101: -26.55%
0100: -27.2%
0011: -27.85%
0010: -28.5%
0001: -29.15%
0000: -29.8%
1110
1.
Changes to 1000BASE-T amplitude may result in unpredictable side effects.
2.
Adjust 100BASE-TX to specific magnetics.
3.
Amplitude is limited by VCC (2.5 V).
Table 57 •
EEE Control, Address 17E2 (0x11)
Bit
Name
Access Description
Default
15
Enable 10BASE-Te
R/W
Sticky bit.
Enable energy efficient (IEEE 802.3az-2010)
10BASE-Te operating mode.
0
Table 56 •
Cu PMD Transmit Control, Address 16E2 (0x10) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com