Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 89 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 85Page - Microsemi Corporation VSC8504-02 Datasheet HTML 86Page - Microsemi Corporation VSC8504-02 Datasheet HTML 87Page - Microsemi Corporation VSC8504-02 Datasheet HTML 88Page - Microsemi Corporation VSC8504-02 Datasheet HTML 89Page - Microsemi Corporation VSC8504-02 Datasheet HTML 90Page - Microsemi Corporation VSC8504-02 Datasheet HTML 91Page - Microsemi Corporation VSC8504-02 Datasheet HTML 92Page - Microsemi Corporation VSC8504-02 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
78
4.6.3
GPIO Control 2
The GPIO control 2 register configures the functionality of the COMA_MODE input pins, and provides
control for possible GPIO pin options.
Table 76 •
GPIO Control 2, Address 14G (0x0E)
Bit
Name
Access Description
Default
15:14
GPIO12 and GPIO13
R/W
GPIO12 and GPIO13 control.
00: Reserved
01: Reserved.
10: Reserved.
11: GPIO12/GPIO13 operation. Controlled
by MII registers 15G to 17G.
13
COMA_MODE output
enable (active low)
R/W
1: COMA_MODE pin is an input.
0: COMA_MODE pin is an output.
1
12
COMA_MODE output
data
R/W
Value to output on the COMA_MODE pin
when it is configured as an output.
0
11
COMA_MODE input data RO
Data read from the COMA_MODE pin.
10
Tri-state enable for
two-wire serial bus
R/W
1: Tri-states two-wire serial bus output
signals instead of driving them high. This
allows those signals to be pulled above
VDD25 using an external pull-up resistor.
0: Drive two-wire serial bus output signals
to high and low values as appropriate.
1
9
Tri-state enable for LEDs R/W
1: Tri-state LED output signals instead of
driving them high. This allows the signals
to be pulled above VDDIO using an external
pull-up resistor.
0: Drive LED bus output signals to high and
low values.
1
8
Reserved
RO
Reserved
0
7:6
GPIO11
R/W
GPIO11 control.
00: Reserved
01: Reserved
10: Reserved
11: Controlled by MII registers 15G to 17G
5:4
GPIO10
R/W
GPIO10 control.
00: Reserved
01: Reserved
10: Reserved
11: Controlled by MII registers 15G to 17G
3:2
GPIO9/FASTLINK_FAIL
R/W
GPIO9/FASTLINK_FAIL control.
00: FASTLINK_FAIL operation
01: Reserved
10: Reserved
11: Controlled by MII registers 15G to 17G
1:0
GPIO8/I2C_SDA
R/W
GPIO8/I2C_SDA control.
00: I2C_SDA operation
01: Reserved
10: Reserved
11: Controlled by MII registers 15G to 17G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com