Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 93 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 93 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 89Page - Microsemi Corporation VSC8504-02 Datasheet HTML 90Page - Microsemi Corporation VSC8504-02 Datasheet HTML 91Page - Microsemi Corporation VSC8504-02 Datasheet HTML 92Page - Microsemi Corporation VSC8504-02 Datasheet HTML 93Page - Microsemi Corporation VSC8504-02 Datasheet HTML 94Page - Microsemi Corporation VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
82
4.6.10
Two-Wire Serial MUX Control 2
Register 21G is used to control the two-wire serial MUX for status and control of two-wire serial slave
devices.
4.6.11
Two-Wire Serial MUX Data Read/Write
Register 22G in the extended register space enables access to the two-wire serial MUX.
4.6.12
Recovered Clock 1 Control
Register 23G in the extended register space controls the functionality of the recovered clock 1 output
signal.
Table 83 •
Two-Wire Serial MUX Interface Status and Control, Address 21G (0x15)
Bit
Name
Access Description
Default
15
Two-wire serial MUX
ready
RO
1: Two-wire serial MUX is ready for read or
write
1
14:12 Reserved
RO
Reserved
11:10
PHY port Address
R/W
Specific VSC8504-02 PHY port being
addressed.
00
9
Enable two-wire serial
MUX access
R/W
Self-clearing bit.
1: Execute read or write through the two-wire
serial MUX based on the settings of register
bit 21G.8
0
8
Two-wire serial MUX
read or write
R/W
1: Read from two-wire serial MUX
0: Write to two-wire serial MUX
1
7:0
Two-wire serial MUX
address
R/W
Sets the address of the two-wire serial MUX
used to direct read or write operations.
0x00
Table 84 •
Two-Wire Serial MUX Data Read/Write, Address 22G (0x16)
Bit
Name
Access Description
Default
15:8 Two-wire serial MUX
read data
RO
Eight-bit data read from two-wire serial MUX;
requires setting both register 21G.9 and 21G.8 to
1.
7:0
Two-wire serial MUX
write data
R/W
Eight-bit data to be written to two-wire serial MUX. 0x00
Table 85 •
Recovered Clock 1 Control, Address 23G (0x17)
Bit
Name
Access Description
Default
15
Enable
RCVRDCLK1
R/W
1: Enable recovered clock 1 output
0: Disable recovered clock 1 output
0
14:11
Clock source select R/W
Select bits for source PHY for recovered clock:
0000: PHY0
0001: PHY1
0010: PHY2
0011: PHY3
0100–1111: Reserved
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com