Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 62 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 62 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
51
4.2.11
MMD Access Control Register
The bits in register 13 of the main register space are a window to the EEE registers as defined in
IEEE 802.3az-2010 Clause 45.
4.2.12
MMD Address or Data Register
The bits in register 14 of the main register space are a window to the EEE registers as defined in
IEEE 802.3az-2010 Clause 45.
4.2.13
1000BASE-T Status Extension 1
Register 15 provides additional information about the operation of the device 1000BASE-T
communications. The following table shows the readouts available.
4.2.14
100BASE-TX/FX Status Extension
Register 16 in the main registers page space of the VSC8504-02 provides additional information about
the status of the device's 100BASE-TX/100BASE-FX operation.
Table 29 •
MMD EEE Access, Address 13 (0x0D)
Bit
Name
Access Description
15:14 Function
R/W
00: Address
01: Data, no post increment
10: Data, post increment for read and write
11: Data, post increment for write only
13:5
Reserved R/W
Reserved
4:0
DVAD
R/W
Device address as defined in IEEE 802.3az-2010 table
45–1
Table 30 •
MMD Address or Data Register, Address 14 (0x0E)
Bit
Name
Access Description
15:0 Register Address/Data R/W
When register 13.15:14 = 2'b00, address of register of
the device that is specified by 13.4:0. Otherwise, the
data to be written to or read from the register.
Table 31 •
1000BASE-T Status Extension 1, Address 15 (0x0F)
Bit
Name
Access Description
Default
15
1000BASE-X FDX capability RO
1: PHY is 1000BASE-X FDX capable 1
14
1000BASE-X HDX capability RO
1: PHY is 1000BASE-X HDX capable 1
13
1000BASE-T FDX capability RO
1: PHY is 1000BASE-T FDX capable 1
12
1000BASE-T HDX capability RO
1: PHY is 1000BASE-T HDX capable 1
11:0
Reserved
RO
Reserved
0x000
Table 32 •
100BASE-TX/FX Status Extension, Address 16 (0x10)
Bit Name
Access Description
Default
15
100BASE-TX/FX Descrambler
RO
1: Descrambler locked
0
14
100BASE-TX/FX lock error
RO
Self-clearing bit.
1: Lock error detected
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com