Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 59 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 59 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 55Page - Microsemi Corporation VSC8504-02 Datasheet HTML 56Page - Microsemi Corporation VSC8504-02 Datasheet HTML 57Page - Microsemi Corporation VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation VSC8504-02 Datasheet HTML 59Page - Microsemi Corporation VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
48
4.2.5
Link Partner Autonegotiation Capability
The bits in main register 5 can be used to determine if the Cat5 link partner (LP) used with the
VSC8504-02 is compatible with the autonegotiation functionality.
4.2.6
Autonegotiation Expansion
The bits in main register 6 work together with those in register 5 to indicate the status of the LP
autonegotiation functioning. The following table shows the available settings and readouts.
7
Advertise100BASE-TX HDX
R/W
1: Advertises 100BASE-TX HDX 1
6
Advertise10BASE-T FDX
R/W
1: Advertises 10BASE-T FDX
1
5
Advertise10BASE-T HDX
R/W
1: Advertises 10BASE-T HDX
1
4:0 Advertise selector
R/W
00001
Table 23 •
Autonegotiation Link Partner Ability, Address 5 (0x05)
Bit Name
Access Description
Default
15
LP next page transmission request RO
1: Requested
0
14
LP acknowledge
RO
1: Acknowledge
0
13
LP remote fault
RO
1: Remote fault
0
12
Reserved
RO
Reserved
0
11
LP advertise asymmetric pause
RO
1: Capable of asymmetric pause
0
10
LP advertise symmetric pause
RO
1: Capable of symmetric pause
0
9
LP advertise 100BASE-T4
RO
1: Capable of 100BASE-T4
0
8
LP advertise 100BASE-TX FDX
RO
1: Capable of 100BASE-TX FDX 0
7
LP advertise 100BASE-TX HDX
RO
1: Capable of 100BASE-TX HDX 0
6
LP advertise 10BASE-T FDX
RO
1: Capable of 10BASE-T FDX
0
5
LP advertise 10BASE-T HDX
RO
1: Capable of 10BASE-T HDX
0
4:0 LP advertise selector
RO
00000
Table 24 •
Autonegotiation Expansion, Address 6 (0x06)
Bit
Name
Access Description
Default
15:5 Reserved
RO
Reserved.
All zeros
4
Parallel detection fault
RO
This bit latches high.
1: Parallel detection fault.
0
3
LP next page capable
RO
1: LP is next page capable.
0
2
Local PHY next page capable RO
1: Local PHY is next page capable.1
1
Page received
RO
This bit latches low.
1: New page is received.
0
0
LP is autonegotiation capable RO
1: LP is capable of autonegotiation.
0
Table 22 •
Device Autonegotiation Advertisement, Address 4 (0x04) (continued)
Bit Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com