Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 96 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 96 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 92Page - Microsemi Corporation VSC8504-02 Datasheet HTML 93Page - Microsemi Corporation VSC8504-02 Datasheet HTML 94Page - Microsemi Corporation VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
85
4.6.15
Global Interrupt Status
The following table contains the interrupt status from the various sources to indicate which one caused
that last interrupt on the pin.
7
Port 1 enhanced serial LED
output enable
R/W
Enable the enhanced serial LED output
functionality for port 1 LED pins.
1: Enhanced serial LED outputs
0: Normal function
0
6
Port 0 enhanced serial LED
output enable
R/W
Enable the enhanced serial LED output
functionality for port 0 LED pins.
1: Enhanced serial LED outputs
0: Normal function
0
5:3
Serial LED frame rate
selection
R/W
Select frame rate of serial LED stream
000: 2500 Hz frame rate
001: 1000 Hz frame rate
010: 500 Hz frame rate
011: 250 Hz frame rate
100: 200 Hz frame rate
101: 125 Hz frame rate
110: 40 Hz frame rate
111: Output basic serial LED stream
See Table 9, page 28.
2:1
Serial LED select
R/W
Select which LEDs from each PHY to
enable on the serial stream
00: Enable all four LEDs of each PHY
01: Enable LEDs 2, 1 and 0 of each PHY
10: Enable LEDs 1 and 0 of each PHY
11: Enable LED 0 of each PHY
00
0
LED port swapping
R/W
See LED Port Swapping, page 29.
Table 88 •
Global Interrupt Status, Address 29G (0x1D)
Bit
Name
Access Default Description
15:4
Reserved
RO
0x1FF
Reserved
3
PHY3 interrupt source(1) RO
1
PHY3 interrupt source indication
0: PHY3 caused the interrupt
1: PHY3 did not cause the interrupt
2
PHY2 interrupt source(1) RO
1
PHY2 interrupt source indication
0: PHY2 caused the interrupt
1: PHY2 did not cause the interrupt
1
PHY1 interrupt source(1)
1.
This bit is set to 1 when the corresponding PHY’s Interrupt Status register 26 (0x1A) is read.
RO
1
PHY1 interrupt source indication
0: PHY1 caused the interrupt
1: PHY1 did not cause the interrupt
0
PHY0 interrupt source(1) RO
1
PHY0 interrupt source indication
0: PHY0 caused the interrupt
1: PHY0 did not cause the interrupt
Table 87 •
Enhanced LED Control, Address 25G (0x19) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com