Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation VSC8504-02 Datasheet HTML 82Page - Microsemi Corporation VSC8504-02 Datasheet HTML 83Page - Microsemi Corporation VSC8504-02 Datasheet HTML 84Page - Microsemi Corporation VSC8504-02 Datasheet HTML 85Page - Microsemi Corporation VSC8504-02 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
71
4.5.1
MAC SerDes PCS Control
The register at address 16E3 consists of the bits that provide access to and control over MAC SerDes
PCS block. The following table shows the settings available.
29E3
Fiber Media CRC Error Counter
30E3
Reserved
Table 60 •
MAC SerDes PCS Control, Address 16E3 (0x10)
Bit
Name
Access Description
Default
15
MAC interface disable
R/W
Sticky bit.
1: 1000BASE-X MAC interface disable when
media link down.
0
14
MAC interface restart
R/W
Sticky bit.
1: 1000BASE-X MAC interface restart on
media link change.
0
13
MAC interface PD enable R/W
Sticky bit.
1: MAC interface autonegotiation parallel
detect enable.
0
12
MAC interface
autonegotiation restart
R/W
Self-clearing bit.
1: Restart MAC interface autonegotiation.
0
11
Force advertised ability
R/W
1: Force 16-bit advertised ability from register
18E3.
0
10:8 SGMII preamble control
R/W
000: No effect on the start of packet.
001: If both the first two nibbles of the 10/100
packet are not 0x5, a byte of 0x55 must be
prefixed to the output, otherwise there will be
no effect on the start of packet.
010: If both the first two nibbles of the 10/100
packet are not 0x5, a byte of 0x55 must be
prefixed to the output. An additional byte of
0x55 must be prefixed to the output if the
next two nibbles are also not 0x5.
011–111: Reserved.
001
7MAC SerDes
autonegotiation enable
R/W
Sticky bit.
1: MAC SerDes ANEG enable.
0
6
SerDes polarity at input of
MAC
R/W
1: Invert polarity of signal received at input of
MAC.
0
5
SerDes polarity at output
of MAC
R/W
1: Invert polarity of signal at output of MAC.
4
Fast link status enable
R/W
1: Use fast link fail indication as link status
indication to MAC SerDes.
0: Use normal link status indication to MAC
SerDes.
0
3
Reserved
R/W
Reserved.
0
2:0
Reserved
RO
Reserved.
Table 59 •
Extended Registers Page 3 Space (continued)
Address Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com