Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
65
4.3.5
PoE and Miscellaneous Functionality
The register at address 23E1 controls various aspects of inline powering and the CRC error counter in
the VSC8504-02.
RC error counter for packets received on the Cu media interface. The value saturates at 0xFF and
subsequently clears when read and restarts count.0x00
4.3.6
Ethernet Packet Generator Control 1
The EPG control register provides access to and control of various aspects of the EPG testing feature.
There are two separate EPG control registers. The following table shows the settings available in the first
register.
0
Reserved
RO
Reserved
Table 52 •
Extended PHY Control 4, Address 23E1 (0x17)
Bit
Name
Access Description
Default
15:11
PHY address
RO
PHY address; latched on reset
10
Inline powered device
detection
R/W
Sticky bit.
1: Enabled
0
9:8
Inline powered device
detection status
RO
Only valid when bit 10 is set.
00: Searching for devices
01: Device found; requires inline power
10: Device found; does not require inline
power
11: Reserved
00
7:0
Cu Media CRC error
counter
RO
Self-clearing bit
Table 53 •
EPG Control Register 1, Address 29E1 (0x1D)
Bit
Name
Access Description
Default
15
EPG enable
R/W
1: Enable EPG
0
14
EPG run or stop
R/W
1: Run EPG
0
13
Transmission duration R/W
1: Continuous (sends in 10,000-packet
increments)
0: Send 30,000,000 packets and stop
0
12:11
Packet length
R/W
00: 125 bytes
01: 64 bytes
10: 1518 bytes
11: 10,000 bytes (jumbo packet)
0
10
Interpacket gap
R/W
1: 8,192 ns
0: 96 ns
0
9:6
Destination address
R/W
Lowest nibble of the 6-byte destination
address
0001
5:2
Source address
R/W
Lowest nibble of the 6-byte destination
address
0000
Table 51 •
Extended PHY Control 3, Address 20E1 (0x14) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com