Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 54 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 50Page - Microsemi Corporation VSC8504-02 Datasheet HTML 51Page - Microsemi Corporation VSC8504-02 Datasheet HTML 52Page - Microsemi Corporation VSC8504-02 Datasheet HTML 53Page - Microsemi Corporation VSC8504-02 Datasheet HTML 54Page - Microsemi Corporation VSC8504-02 Datasheet HTML 55Page - Microsemi Corporation VSC8504-02 Datasheet HTML 56Page - Microsemi Corporation VSC8504-02 Datasheet HTML 57Page - Microsemi Corporation VSC8504-02 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
43
4Registers
This section provides information about how to configure the VSC8504-02 using its internal memory
registers and the management interface. The registers marked reserved and factory test should not be
read or written to, because doing so may produce undesired effects.
The default value documented for registers is based on the value at reset; however, in some cases, that
value may change immediately after reset.
The access type for each register is shown using the following abbreviations:
•
RO: Read Only
•
ROCR: Read Only, Clear on Read
•
RO/LH: Read Only, Latch High
•
RO/LL: Read Only, Latch Low
•
R/W: Read and Write
•
RWSC: Read Write Self Clearing
The VSC8504-02 uses several different types of registers:
•
IEEE Clause 22 device registers with addresses from 0 to 31
•
Three pages of extended registers with addresses from 16E1–30E1, 16E2–30E2, and 16E3–30E3
•
General-purpose registers with addresses from 0G to 30G
•
IEEE Clause 45 devices registers accessible through the Clause 22 registers 13 and 14 to support
IEEE 802.3az-2010 energy efficient Ethernet registers
The following illustration shows the relationship between the device registers and their address spaces.
Figure 37 •
Register Space Diagram
Reserved Registers—For main registers 16–31, extended registers 16E1–30E1, 16E2–30E2, 16E3–
30E3, and general purpose registers 0G–30G, any bits marked as Reserved should be processed as
read-only and their states as undefined.
Reserved Bits—In writing to registers with reserved bits, use a read-modify-then-write technique, where
the entire register is read but only the intended bits to be changed are modified. Reserved bits cannot be
changed and their read state cannot be considered static or unchanging.
4.1
Register and Bit Conventions
Registers are referred to by their address and bit number in decimal notation. A range of bits is indicated
with a colon. For example, a reference to address 26, bits 15 through 14 is shown as 26.15:14.
A register with an E and a number attached (example 27E1) means it is a register contained within
extended register page number 1. A register with a G attached (example 13G) means it is a GPIO page
register.
IEEE 802.3
Standard
Registers
Main Registers
0x0000
0
1
2
3
.
.
.
13
14
15
16
17
18
19
.
.
.
.
.
30
31
Extended
Registers 1
0x0001
16E1
17E1
18E1
19E1
.
.
.
.
.
30E1
Extended
Registers 2
0x0002
16E2
17E2
18E2
19E2
.
.
.
.
.
30E2
Extended
Registers 3
0x0003
16E3
17E3
18E3
19E3
.
.
.
.
.
30E3
General Purpose
Registers
0x0010
0G
1G
2G
3G
.
.
.
.
.
15G
16G
17G
18G
19G
.
.
.
.
.
30G
Clause 45
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com