Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation VSC8504-02 Datasheet HTML 46Page - Microsemi Corporation VSC8504-02 Datasheet HTML 47Page - Microsemi Corporation VSC8504-02 Datasheet HTML 48Page - Microsemi Corporation VSC8504-02 Datasheet HTML 49Page - Microsemi Corporation VSC8504-02 Datasheet HTML 50Page - Microsemi Corporation VSC8504-02 Datasheet HTML 51Page - Microsemi Corporation VSC8504-02 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
37
tmp17 = PhyRead(<phy>,17);
if (set)
tmp17 |= 0x0010; //Set SigDet as desired, Set bit 4
else // clear SigDet
tmp17 &= 0xffef; //Clear SigDet, bit 4
PhyWrite(<phy>, 17, tmp17);
PhyWrite(<phy>, 16, 0x868a);
PhyWrite(<phy>, 31, 0x0);
3.17.6.6 Input Loop
The received 1-bit data stream of the input buffer is looped back asynchronously to the output buffer. This
test loop provides the possibility to test only the analog parts of the SGMII interface because only the
input and output buffer are part of this loop.
Note: When the enhanced SerDes macro is in input loopback, the output is inverted relative to the input.
The following table shows the SerDes macro address map.
3.17.7
VeriPHY Cable Diagnostics
The VSC8504-02 includes a comprehensive suite of cable diagnostic functions that are available using
SMI reads and writes. These functions enable a variety of cable operating conditions and status to be
accessed and checked. The VeriPHY suite has the ability to identify the cable length and operating
conditions and to isolate a variety of common faults that can occur on Cat5 twisted pair cabling.
For functional details of the VeriPHY suite and the operating instructions, see the ENT-AN0125 PHY,
Integrated PHY-Switch VeriPHY - Cable Diagnostics application note.
3.17.8
JTAG Boundary Scan
The VSC8504-02 supports the test access port (TAP) and boundary scan architecture described in
IEEE 1149.1. The device includes an IEEE 1149.1-compliant test interface, referred to as a JTAG TAP
interface.
The JTAG boundary scan logic on the VSC8504-02, accessed using its TAP interface, consists of a
boundary scan register and other logic control blocks. The TAP controller includes all IEEE-required
signals (TMS, TCK, TDI, and TDO), in addition to the optional asynchronous reset signal TRST. The
following illustration shows the TAP and boundary scan architecture.
Important When JTAG is not in use, the TRST pin must be tied to ground with a pull-down resistor for
normal operation.
Table 11 •
SerDes Macro Address Map
SerDes Macro
Physical Address (s)
Interface Logical Type (p)
Address
SerDes0
0x0
Fiber0
0x1
SerDes1
0x1
SGMII1
0x1
SerDes2
0x2
Fiber1
0x2
SerDes3
0x3
SGMII2
0x2
SerDes4
0x4
Fiber2
0x4
SerDes5
0x5
SGMII3
0x3
SerDes6
0x6
Fiber3
0x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com