Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 77 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 77 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
66
The following information applies to the EPG control number 1:
•
Do not run the EPG when the VSC8504-02 is connected to a live network.
•
bit 29E1.13 (continuous EPG mode control): When enabled, this mode causes the device to send
continuous packets. When disabled, the device continues to send packets only until it reaches the
next 10,000-packet increment mark. It then ceases to send packets.
•
The 6-byte destination address in bits 9:6 is assigned one of 16 addresses in the range of 0xFF FF
FF FF FF F0 through 0xFF FF FF FF FF FF.
•
The 6-byte source address in bits 5:2 is assigned one of 16 addresses in the range of 0xFF FF FF
FF FF F0 through 0xFF FF FF FF FF FF.
•
If any of bits 13:0 are changed while the EPG is running (bit 14 is set to 1), bit 14 must be cleared
and then set back to 1 for the change to take effect and to restart the EPG.
4.3.7
Ethernet Packet Generator Control 2
Register 30E1 consists of the second set of bits that provide access to and control over the various
aspects of the EPG testing feature. The following table shows the settings available.
Note: If any of bits 15:0 in this register are changed while the EPG is running (bit 14 of register 29E1 is set to
1), that bit (29E1.14) must first be cleared and then set back to 1 for the change to take effect and to
restart the EPG.
4.4
Extended Page 2 Registers
To access the extended page 2 registers (16E2–30E2), enable extended register access by writing
0x0002 to register 31. For more information, see Table 46, page 61.
When extended page 2 register access is enabled, reads and writes to registers 16–30 affect the
extended registers 16E2–30E2 instead of those same registers in the IEEE-specified register space.
Registers 0–15 are not affected by the state of the extended page register access.
Writing 0x0000 to register 31 restores the main register access.
The following table lists the addresses and register names in the extended register page 2 space. These
registers are accessible only when the device register 31 is set to 0x0002.
1
Payload type
R/W
1: Randomly generated payload pattern
0: Fixed based on payload pattern
0
0
Bad frame check
sequence (FCS)
generation
R/W
1: Generate packets with bad FCS
0: Generate packets with good FCS
0
Table 54 •
EPG Control Register 2, Address 30E1 (0x1E)
Bit
Name
Access Description
Default
15:0 EPG packet payload R/W
Data pattern repeated in the payload of
packets generated by the EPG
0x00
Table 55 •
Extended Registers Page 2 Space
Address
Name
16E2
Cu PMD Transmit Control
17E2
EEE Control
18E2-29E2
Reserved
30E2
Ring Resiliency Control
Table 53 •
EPG Control Register 1, Address 29E1 (0x1D) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com