Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 34Page - Microsemi Corporation VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
27
3.13.2
Extended LED Modes
In addition to the LED modes in register 29, there are also additional LED modes that are enabled on the
LED0_[3:0] pins whenever the corresponding register 19E1, bits 15 to 12 are set to 1. Each of these bits
enables extended modes on a specific LED pin and these extended modes are shown in the following
table. For example, LED0 = mode 17 means that register 19E1 bit 12 = 1 and register 29 bits 3 to
0 = 0001.
The following table provides a summary of the extended LED modes and functions.
3.13.3
LED Behavior
Several LED behaviors can be programmed into the VSC8504-02. Use the settings in register 30 and
19E1 to program LED behavior, which includes the following.
3.13.3.1 LED Combine
Enables an LED to display the status for a combination of primary and secondary modes. This can be
enabled or disabled for each LED pin. For example, a copper link running in 1000BASE-T mode and
activity present can be displayed with one LED by configuring an LED pin to Link1000/Activity mode. The
LED asserts when linked to a 1000BASE-T partner and also blinks or performs pulse-stretch when
activity is either transmitted by the PHY or received by the Link Partner. When disabled, the combine
feature only provides status of the selected primary function. In this example, only Link1000 asserts the
LED, and the secondary mode, activity, does not display when the combine feature is disabled.
3.13.3.2 LED Blink or Pulse-Stretch
This behavior is used for activity and collision indication. This can be uniquely configured for each LED
pin. Activity and collision events can occur randomly and intermittently throughout the link-up period.
12
Autonegotiation Fault
1: No autonegotiation fault present.
0: Autonegotiation fault occurred.
13
Serial Mode
Serial stream. See Basic Serial LED Mode, page 28. Only
relevant on PHY port 0 and reserved in others.
14
Force LED Off
1: De-asserts the LED(1).
15
Force LED On
0: Asserts the LED(1).
1.
Setting this mode suppresses LED blinking after reset.
Table 8 •
Extended LED Mode and Function Summary
Mode Function Name
LED State and Description
16
Link1000BASE-X Activity 1: No link in 1000BASE-X.
0: Valid 1000BASE-X link.
17
Link100BASE-FX Activity 1: No link in 100BASE-FX.
0: Valid 100BASE-FX link.
18
1000BASE-X Activity
1: No 1000BASE-X activity present.
Blink or pulse-stretch = 1000BASE-X activity present.
19
100BASE-FX Activity
1: No 100BASE-FX activity present.
Blink or pulse-stretch = 100BASE-FX activity present.
20
Force LED Off
1: De-asserts the LED.
21
Force LED On
0: Asserts the LED. LED pulsing is disabled in this mode.
22
Fast Link Fail
1: Enable fast link fail on the LED pin
0: Disable
Table 7 •
LED Mode and Function Summary (continued)
Mode Function Name
LED State and Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com