Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 98 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 94Page - Microsemi Corporation VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
87
4.7.2
EEE Capability
This register is used to indicate the capability of the PCS to support EEE functions for each PHY type.
The following table shows the bit assignments for the EEE capability register.
4.7.3
EEE Wake Error Counter
This register is used by PHY types that support EEE to count wake time faults where the PHY fails to
complete its normal wake sequence within the time required for the specific PHY type. The definition of
the fault event to be counted is defined for each PHY and can occur during a refresh or a wakeup as
defined by the PHY. This 16-bit counter is reset to all zeros when the EEE wake error counter is read or
when the PHY undergoes hardware or software reset.
4.7.4
EEE Advertisement
This register defines the EEE advertisement that is sent in the unformatted next page following a EEE
technology message code. The following table shows the bit assignments for the EEE advertisement
register.
9
Tx LPI indication
RO
1: Tx PCS is currently receiving LPI
0: PCS is not currently receiving LPI
8
Rx LPI indication
RO
1: Rx PCS is currently receiving LPI
0: PCS is not currently receiving LPI
7:3
Reserved
RO
Reserved
2
PCS receive link status RO
1: PCS receive link up
0: PCS receive link down
1:0
Reserved
RO
Reserved
Table 92 •
EEE Capability, Address 3.20
Bit
Name
Access Description
15:3 Reserved
RO
Reserved
2
1000BASE-T EEE RO
1: EEE is supported for 1000BASE-T
0: EEE is not supported for 1000BASE-T
1
100BASE-TX
EEE
RO
1: EEE is supported for 100BASE-TX
0: EEE is not supported for 100BASE-TX
0
Reserved
RO
Reserved
Table 93 •
EEE Wake Error Counter, Address 3.22
Bit
Name
Access Description
15:0 Wake error counter RO
Count of wake time faults for a PHY
Table 94 •
EEE Advertisement, Address 7.60
Bit
Name
Access Description
Default
15:3 Reserved
RO
Reserved
2
1000BASE-T EEE R/W
1: Advertise that the 1000BASE-T has EEE
capability
0: Do not advertise that the 1000BASE-T has EEE
capability
0
Table 91 •
PCS Status 1, Address 3.1 (continued)
Bit
Name
Access Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com