Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 101 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 101 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
90
5.1.4
Reference Clock
The following table shows the DC specifications for a differential reference clock input signal
5.1.5
SerDes Interface (SGMII)
The SerDes output drivers are designed to operate in SGMII/LVDS mode. The SGMII/LVDS mode meets
or exceeds the DC requirements of Serial-GMII Specification Revision 1.9 (ENG-46158), unless
otherwise noted. The following table lists the DC specifications for the SGMII driver. The values are valid
for all configurations, unless stated otherwise.
Internal pull-up resistor, all others
RPU
96
120
144
k
Ω
Internal pull-down resistor
RPD
96
120
144
k
Ω
Table 100 •
Reference Clock DC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Input voltage range
VIP,VIN
–25
1260
mV
Input differential peak-to-peak
voltage
|VID|1501
1.
To meet jitter specifications, the minimum |VID| must be 400 mV. When using a single-ended clock input, the
REFCLK_P low voltage must be less than
VDDA – 200 mV, and the high voltage level must be greater than VDDA + 200 mV
1200
mV
Input common-mode voltage
VICM
0
12002
2.
The maximum common-mode voltage is provided without a differential signal. The common-mode voltage is
only limited by the maximum and minimum input voltage range and by the differential amplitude of the input
signal.
mV
Differential input impedance
RI
100
Ω
Table 101 •
SerDes Driver DC Specifications
Parameter
Symbol Minimum
Maximum
Unit Condition
Output high voltage, VOA or VOB
VOH
1050
mV
RL =100 Ω ±1%
Output low voltage, VOA or VOB
VOL
0mV
RL =100 Ω ±1%
Output differential peak voltage
|VOD|
350
450
mV
VDD_VS =1.0 V
RL =100 Ω ±1%
Output differential peak voltage,
fiber media 1000BASE-X
|VOD|
350
450
mV
VDD_VS =1.0 V
RL =100 Ω ±1%
Output offset voltage(1)
VOS
420
580
mV
VDD_VS =1.0 V
RL =100 Ω ±1%
DC output impedance,
single-ended, SGMII mode
RO
40
140
Ω
VC =1.0 V
See Figure 40,
page 91
RO mismatch between A and B,
SGMII mode(2)
ΔRO
10
%
VC =1.0 V
See Figure 40,
page 91
Change in |VOD| between 0 and 1,
SGMII mode
Δ|VOD|25
mV
RL =100 Ω ±1%
Table 99 •
Internal Pull-Up or Pull-Down Resistors (continued)
Parameter
Symbol
Minimum
Typical Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com