Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 104 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 104 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation VSC8504-02 Datasheet HTML 107Page - Microsemi Corporation VSC8504-02 Datasheet HTML 108Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
93
The following table lists the DC specifications for the enhanced SerDes receiver.
5.1.7
Current Consumption
The following tables show the current consumption values for each mode. Add significant margin above
the values for sizing power supplies.
Output current, drivers shorted to
ground, SGMII and QSGMII
modes
|IOSA|,
|IOSB|
40
mA
Output current, drivers shorted
together, SGMII and QSGMII
modes
|IOSAB|12
mA
1.
Voltage is adjustable in 64 steps.
2.
Matching of reflection coefficients. For more information about test methods, see
IEEE Std 1596.3-1996.
Table 104 •
Enhanced SerDes Receiver DC Specifications
Parameter
Symbol Minimum
Typical Maximum
Unit
Input voltage range, VIA or VIB(1)
1.
QSGMII DC input sensitivity is less than 400 mV.
VI
–0.25
1.2
V
Input differential peak-to-peak voltage
|VID|
100
1600
mV
Input common-mode voltage
VICM
01200
mV
Receiver differential input impedance
RI
80
100
120
Ω
Table 105 •
Current Consumption
Mode
Typical
Maximum
Unit
Condition
1V
Digital
1V
Analog
2.5 V
Digital
2.5 V
Analog
1V
Digital
1V
Analog
2.5 V
Digital
2.5 V
Analog
Reset
52
55
9
1
460
110
13
5
mA
Power down
110
170
10
20
525
220
15
25
mA
1000BASE-T
395
200
10
445
900
270
15
500
mA
4-port SGMII
100BASE-TX
190
185
10
290
640
245
15
310
mA
4-port SGMII
10BASE-T
145
180
10
240
575
240
15
245
mA
4-port SGMII
10BASE-Te
145
180
10
205
575
240
15
210
mA
4-port SGMII
1000BASE-X
155
240
10
20
585
300
15
25
mA
4-port SGMII
100BASE-FX
140
235
10
20
565
290
15
25
mA
4-port SGMII
1000BASE-T
390
160
10
460
900
225
15
500
mA
4-port QSGMII
100BASE-TX
185
145
10
305
640
200
15
310
mA
4-port QSGMII
10BASE-T
140
140
10
237
575
195
15
245
mA
4-port QSGMII
10BASE-Te
140
140
10
210
575
195
15
210
mA
4-port QSGMII
1000BASE-X
150
200
10
20
585
255
15
25
mA
4-port QSGMII
100BASE-FX
135
195
10
20
565
245
15
25
mA
4-port QSGMII
Table 103 •
Enhanced SerDes Driver DC Specifications (continued)
Parameter
Symbol Minimum
Maximum
Unit Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com