Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 108 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 108 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation VSC8504-02 Datasheet HTML 107Page - Microsemi Corporation VSC8504-02 Datasheet HTML 108Page - Microsemi Corporation VSC8504-02 Datasheet HTML 109Page - Microsemi Corporation VSC8504-02 Datasheet HTML 110Page - Microsemi Corporation VSC8504-02 Datasheet HTML 111Page - Microsemi Corporation VSC8504-02 Datasheet HTML 112Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
97
5.2.4
SerDes Driver Jitter
The following table lists the jitter characteristics for the SerDes output driver.
5.2.5
SerDes Inputs
The following table lists the AC specifications for the SerDes inputs.
5.2.6
SerDes Receiver Jitter Tolerance
The following table lists jitter tolerances for the SerDes receiver.
5.2.7
Enhanced SerDes Interface
All AC specifications for the enhanced SerDes interface are compliant with QSGMII Specification
Revision 1.3 and meet or exceed the requirements in the standard. They are also compliant with the OIF-
CEI-02.0 requirements where applicable.
The enhanced SerDes interface supports the following modes of operation: SGMII, QSGMII, and SFP.
The values in the tables in the following sections apply to the QSGMII modes listed in the condition
column and are based on the test circuit shown in Figure 38, page 91. The transmit and receive eye
specifications relate to the eye diagrams shown in the following illustration, with the compliance load as
defined in the test circuit.
Table 110 •
SerDes Driver Jitter Characteristics
Parameter
Symbol Maximum
Unit Condition
Total jitter
TJO
192
ps
Measured according to IEEE 802.3.38.5
Deterministic jitter
DJO
80
ps
Measured according to IEEE 802.3.38.5
Table 111 •
SerDes Input AC Specifications
Parameter
Maximum
Unit Condition
Differential input return loss,
50 MHz to 625 MHz
≥10
dB
RL = 100
Ω ±1%
Differential input return loss,
625 MHz to 1250 MHz
10–10 × log (ƒ/625 MHz)
dB
RL = 100
Ω ±1%
Table 112 •
SerDes Receiver Jitter Tolerance
Parameter
Symbol Minimum
Unit Condition
Total jitter tolerance, greater than
637 kHz, SFP mode
TJTI
600
ps
Measured according to
IEEE 802.3 38.6.8
Deterministic jitter tolerance,
greater than 637 kHz, SFP mode
DJTI
370
ps
Measured according to
IEEE 802.3 38.6.8
Cycle distortion jitter tolerance,
100BASE-FX mode
JTCD
1.4
ns
Measured according to
ISO/IEC 9314-3:1990
Data-dependent jitter tolerance,
100BASE-FX mode
DDJ
2.2
ns
Measured according to
ISO/IEC 9314-3:1990
Random peak-to-peak jitter
tolerance, 100BASE-FX mode
RJT
2.27
ns
Measured according to
ISO/IEC 9314-3:1990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com