Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 110 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 110 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation VSC8504-02 Datasheet HTML 107Page - Microsemi Corporation VSC8504-02 Datasheet HTML 108Page - Microsemi Corporation VSC8504-02 Datasheet HTML 109Page - Microsemi Corporation VSC8504-02 Datasheet HTML 110Page - Microsemi Corporation VSC8504-02 Datasheet HTML 111Page - Microsemi Corporation VSC8504-02 Datasheet HTML 112Page - Microsemi Corporation VSC8504-02 Datasheet HTML 113Page - Microsemi Corporation VSC8504-02 Datasheet HTML 114Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
99
5.2.7.2
Enhanced SerDes Driver Jitter Characteristics
The following table lists the jitter characteristics for the enhanced SerDes driver in QSGMII mode. For
information about jitter characteristics for the enhanced SerDes driver in SGMII mode, see Table 110,
page 97.
5.2.7.3
Enhanced SerDes Inputs
The following table lists the AC specifications for the enhanced SerDes inputs in SGMII mode.
The following table lists the AC specifications for the enhanced SerDes inputs in QSGMII mode.
Eye mask Y1
T_Y1
200
mV
Eye mask Y2
T_Y2
450
mV
Table 115 •
Enhanced SerDes Driver Jitter Characteristics, QSGMII Mode
Parameter
Symbol Maximum
Unit Condition
Total output jitter
TJO
60
ps
Measured according to
IEEE 802.3.38.5.
Deterministic output jitter
DJO
10
ps
Measured according to
IEEE 802.3.38.5.
Table 116 •
Enhanced SerDes Input AC Specifications, SGMII Mode
Parameter
Symbol Minimum
Unit Condition
Unit interval, 1.25G
UI
ps
800 ps
Differential input return loss,
50 MHz to 625 MHz
RLI_DIFF 10
dB
RL =100 Ω ±1%
Common-mode input return loss,
50 MHz to 625 MHz
RLICM
6dB
Table 117 •
Enhanced SerDes Inputs AC Specifications, QSGMII Mode
Parameter
Symbol Minimum
Maximum
Unit Condition
Unit interval, 5G
UI
200 ps
Differential input return loss,
100 MHz to 2.5 GHz
RLI_DIFF 8dB
RL =100 Ω ±1%
Differential input return loss,
2.5GHz to 5GHz
RLI_DIFF 8 dB – 16.6 log
(ƒ/2.5 GHz)
dB
RL =100 Ω ±1%
Common-mode input return
loss, 100 MHz to 2.5 GHz
RLICM
6dB
Eye mask X1
R_X1
0.3
UI
Eye mask Y1
R_Y1
50
mV
Eye mask Y2
R_Y2
450
mV
Table 114 •
Enhanced SerDes Outputs AC Specifications, QSGMII Mode
Parameter
Symbol
Minimum
Maximum
Unit Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com