Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 114 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 114 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 110Page - Microsemi Corporation VSC8504-02 Datasheet HTML 111Page - Microsemi Corporation VSC8504-02 Datasheet HTML 112Page - Microsemi Corporation VSC8504-02 Datasheet HTML 113Page - Microsemi Corporation VSC8504-02 Datasheet HTML 114Page - Microsemi Corporation VSC8504-02 Datasheet HTML 115Page - Microsemi Corporation VSC8504-02 Datasheet HTML 116Page - Microsemi Corporation VSC8504-02 Datasheet HTML 117Page - Microsemi Corporation VSC8504-02 Datasheet HTML 118Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
103
Figure 48 •
Serial Management Interface Timing
5.2.12
Reset Timing
This section contains the AC specifications that apply to device reset functionality. The signal applied to
the NRESET input must comply with the specifications listed in the following table.
MDC fall time
tF
100
tCYC × 10%(1)
MDC to MDIO
valid
tCO
10
300
ns
Time-dependant on
the value of the
external pull-up
resistor on the MDIO
pin
1.
For fCLK above 1 MHz, the minimum rise time and fall time is in relation to the frequency of the MDC clock
period. For example, if fCLK is 2 MHz, the minimum clock rise time and fall time is 50 ns.
Table 123 •
Reset Timing Specifications
Parameter
Symbol Minimum
Maximum
Unit
NRESET assertion time after power
supplies and clock stabilize
tW
2ms
Recovery time from reset inactive to
device fully active
tREC
105
ms
NRESET pulse width
tW(RL)
100
ns
Wait time between NRESET de-assert
and access of the SMI interface
tWAIT
105
ms
Table 122 •
Serial Management Interface AC Characteristics (continued)
Parameter
Symbol Minimum
Typical
Maximum
Unit Condition
tCYC
tWL
tWH
tSU
tH
tCO
Data
Data
MDIO
(read)
MDIO
(write)
MDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com