Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 116 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 116 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 112Page - Microsemi Corporation VSC8504-02 Datasheet HTML 113Page - Microsemi Corporation VSC8504-02 Datasheet HTML 114Page - Microsemi Corporation VSC8504-02 Datasheet HTML 115Page - Microsemi Corporation VSC8504-02 Datasheet HTML 116Page - Microsemi Corporation VSC8504-02 Datasheet HTML 117Page - Microsemi Corporation VSC8504-02 Datasheet HTML 118Page - Microsemi Corporation VSC8504-02 Datasheet HTML 119Page - Microsemi Corporation VSC8504-02 Datasheet HTML 120Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 131 page
background image
Pin Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
105
6
Pin Descriptions
The VSC8504-02 device has 256 pins, which are described in this section.
The pin information is also provided as an attached Microsoft Excel file so that you can copy it
electronically. In Acrobat, double-click the attachment icon.
6.1
Pin Identifications
This section contains the pin descriptions for the VSC8504-02 device. The following table provides
notations for definitions of the various pin types.
6.2
Pin Diagram
The following illustrations show the pin diagram for the VSC8504-02 device. For clarity, the device is
shown in two halves, the top left and top right.
Table 126 •
Pin Type Symbol Definitions
Symbol Pin Type
Description
3V
3.3 V-tolerant pin.
ABIAS
Analog bias
Analog bias pin.
ADIFF
Analog differential
Analog differential signal pair.
I
Input
Input without on-chip pull-up or pull-down resistor.
I/O
Bidirectional
Bidirectional input or output signal.
NC
No connect
No connect pins must be left floating.
O
Output
Output signal.
OD
Open drain
Open drain output.
OS
Open source
Open source output.
PD
Pull-down
On-chip pull-down resistor to VSS.
PU
Pull-up
On-chip pull-up resistor to VDD_IO.
ST
Schmitt-trigger
Input has Schmitt-trigger circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com