Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 120 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 120 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 116Page - Microsemi Corporation VSC8504-02 Datasheet HTML 117Page - Microsemi Corporation VSC8504-02 Datasheet HTML 118Page - Microsemi Corporation VSC8504-02 Datasheet HTML 119Page - Microsemi Corporation VSC8504-02 Datasheet HTML 120Page - Microsemi Corporation VSC8504-02 Datasheet HTML 121Page - Microsemi Corporation VSC8504-02 Datasheet HTML 122Page - Microsemi Corporation VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 131 page
background image
Pin Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
109
6.3.4
Power Supply
The following table lists the power supply pins and associated functional pins. All power supply pins must
be connected to their respective voltage input, even if certain functions are not used for a specific
LED0_[0:3]
LED1_[0:3]
LED2_[0:3]
LED3_[0:3]
G1, H1, J1, K1
G2, H2, J2, K2
G3, H3, J3, K3
G4, H4, J4, K4
O
LED direct-drive outputs. All LEDs pins are
active-low. A serial LED stream can also be
implemented. See LED Mode Select, page 59.
Note: LEDbit_port, where port = PHY port
number and bit = the particular LED
for the port.
NC_1
NC_2
NC_3
NC_4
A1
A16
T1
T16
NC
No connect.
PHYADD2
PHYADD3
PHYADD4
G13
G14
F14
I, PD,
3V
Device SMI address bits 4:2.
RCVRDCLK1
RCVRDCLK2
F16
G16
O
Clock output can be enabled or disabled and also
output a clock frequency of 125 MHz or 25 MHz
based on the selected active recovered media
programmed for this pin. This pin is not active
when NRESET is asserted. When disabled, the
pin is held low.
REF_FILT_A
D3
ABIAS Reference filter connects to an external 1 µF
capacitor to analog ground.
REF_REXT_A
D4
ABIAS Reference external connects to an external 2 k
Ω
(1%) resistor to analog ground.
REFCLK_N
REFCLK_P
C1
D1
I,
ADIFF
125 MHz or 25 MHz reference clock input pair.
Must be capacitively coupled and LVDS
compatible.
REFCLK_SEL2
E1
I, PU,
3V
Selects the reference clock speed:
0: 25 MHz (VSS)
1: 125 MHz (2.5 V)
Use 125 MHz for typical applications.
RESERVED_[1:8]
C10, D13, L4,
P4, L1, M1, N1,
P1
NC
Leave these pins unconnected (floating).
RESERVED_[18:19] J15, J16
NC
Leave these pins unconnected (floating).
RESERVED_[70:73] E16, N3, N4, L2 NC
Leave these pins unconnected (floating).
THERMDA
C3
A
Thermal diode anode.
THERMDC_VSS
D2
A
Thermal diode cathode connected to device
ground. Temperature sensor must be chosen
accordingly.
1.
For more information, see Initialization, page 42. For a typical bring-up example, see Configuration, page 41.
Table 129 •
Miscellaneous Pins (continued)
Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com