Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 123 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 123 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 119Page - Microsemi Corporation VSC8504-02 Datasheet HTML 120Page - Microsemi Corporation VSC8504-02 Datasheet HTML 121Page - Microsemi Corporation VSC8504-02 Datasheet HTML 122Page - Microsemi Corporation VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation VSC8504-02 Datasheet HTML 125Page - Microsemi Corporation VSC8504-02 Datasheet HTML 126Page - Microsemi Corporation VSC8504-02 Datasheet HTML 127Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
Pin Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
112
6.3.8
Twisted Pair Interface
The following table lists the twisted pair interface pins.
MDIO
N2
I/O, OD
Management data input/output pin. Serial data is written or read
from this pin bidirectionally between the PHY and Station Manager,
synchronously on the positive edge of MDC. One external pull-up
resistor is required at the Station Manager, and its value depends
on the MDC clock frequency and the total sum of the capacitive
loads from the MDIO pins.
NRESET M3
I, PD, ST, 3 V Device reset. Active low input that powers down the device and
sets all register bits to their default state.
Table 134 •
Twisted Pair Interface Pins
Name
Pin
Type
Description
TXVNA_0
TXVNA_1
TXVNA_2
TXVNA_3
B14
B10
B6
B2
ADIFF TX/RX channel A negative signal
TXVNB_0
TXVNB_1
TXVNB_2
TXVNB_3
B15
B11
B7
B3
ADIFF TX/RX channel B negative signal
TXVNC_0
TXVNC_1
TXVNC_2
TXVNC_3
C15
B12
B8
B4
ADIFF TX/RX channel C negative signal
TXVND_0
TXVND_1
TXVND_2
TXVND_3
D15
B13
B9
B5
ADIFF TX/RX channel D negative signal
TXVPA_0
TXVPA_1
TXVPA_2
TXVPA_3
A14
A10
A6
A2
ADIFF TX/RX channel A positive signal
TXVPB_0
TXVPB_1
TXVPB_2
TXVPB_3
A15
A11
A7
A3
ADIFF TX/RX channel B positive signal
TXVPC_0
TXVPC_1
TXVPC_2
TXVPC_3
C16
A12
A8
A4
ADIFF TX/RX channel C positive signal
TXVPD_0
TXVPD_1
TXVPD_2
TXVPD_3
D16
A13
A9
A5
ADIFF TX/RX channel D positive signal
Table 133 •
SMI Pins (continued)
Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com