Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 127 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 127 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation VSC8504-02 Datasheet HTML 125Page - Microsemi Corporation VSC8504-02 Datasheet HTML 126Page - Microsemi Corporation VSC8504-02 Datasheet HTML 127Page - Microsemi Corporation VSC8504-02 Datasheet HTML 128Page - Microsemi Corporation VSC8504-02 Datasheet HTML 129Page - Microsemi Corporation VSC8504-02 Datasheet HTML 130Page - Microsemi Corporation VSC8504-02 Datasheet HTML 131Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 127 / 131 page
background image
Design Considerations
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
116
8
Design Considerations
This section provides information about design considerations for the VSC8504-02 device.
8.1
Link status LED remains on while COMA_MODE pin is
asserted high
When the COMA_MODE is asserted high, the link status LED may not deactivate unless the media cable
is disconnected from the device.
While using COMA_MODE, link status should be verified using status registers rather than LED
indicators.
8.2
LED pulse stretch enable turns off LED pins
Enabling the pulse stretch function for LED0 or LED1 by setting register 30, bits 5:6 shuts off those LED
pins.
Use the default blink function setting of LED0 and LED1 rather than pulse stretching. For more
information, see LED Behavior, page 60.
8.3
AMS and 100BASE-FX
When the PHY operating mode (set in register 23) is AMS and the current active media is 100BASE-FX,
register 0 bit 12 will be 0. This would normally indicate that auto-negotiation is disabled and the PHY is in
forced mode. But in this mode, it has other meanings.
The workaround is to ensure that bit 12 is always written as 1 when doing writes or updates to register 0
in AMS mode.
8.4
10BASE-T signal amplitude
10BASE-T signal amplitude can be lower than the minimum specified in IEEE 802.3 paragraph
14.3.1.2.1 (2.2 V) at low supply voltages.
This issue is not estimated to present any system level impact. Performance is not impaired with cables
up to 130 m with various link partners.
8.5
10BASE-T link recovery failures
If the link disconnects when traffic is flowing while the device operates in a 10BASE-T mode, the PHY
may not re-link.
There is a software workaround for this issue in which the device's internal microcontroller monitors link
transitions in 10BASE-T mode and forces a soft power-down/power-up procedure to prevent a re-link
failure.
A side effect of this software workaround is that non-sticky registers will be cleared (for example, the
copper media link disconnect counter in register 21, see Error Counter 3, page 54).
8.6
SNR degradation and link drops
The link may drop after approximately 100 master/slave relationship swaps with the ring resiliency
feature when using Category 5 (Cat5) cables that are longer than 75 m.
The workaround is to use a combination of an initialization script and a procedure change. Contact
Microsemi for the workaround solution if the ring resiliency feature is being enabled.
8.7
Clause 45 register 3.22
The clause 45, register 3.22 is cleared upon read only when the extended page access register (register
31) is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com