Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 128 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 128 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation VSC8504-02 Datasheet HTML 125Page - Microsemi Corporation VSC8504-02 Datasheet HTML 126Page - Microsemi Corporation VSC8504-02 Datasheet HTML 127Page - Microsemi Corporation VSC8504-02 Datasheet HTML 128Page - Microsemi Corporation VSC8504-02 Datasheet HTML 129Page - Microsemi Corporation VSC8504-02 Datasheet HTML 130Page - Microsemi Corporation VSC8504-02 Datasheet HTML 131Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 128 / 131 page
background image
Design Considerations
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
117
This register cannot be read when the page access register is set to a value other than 0.
The workaround is to set extended page access register to 0 before accessing clause 45, register 3.22.
8.8
Clause 45 register 3.1
Clause 45, register 3.1, Rx and Tx LPI received bits are cleared upon read only when the extended page
access register (register 31) is set to 0.
This has a minor implication for software that needs to ensure that the extended page access register is
set to 0 before reading clause 45, register 3.1.
The workaround is to set extended page access register to 0 before accessing clause 45, register 3.1.
8.9
Clause 45 register address post-increment
Clause 45 register address post-increment only works when reading registers and only when extended
page access register (register 31) is set to 0.
The workaround is to access the registers individually.
8.10
Fast link failure indication
The fast link failure indication for all the ports is enabled using port 0, register 19E.4.
The workaround is to set register 19E.4 = 1 in PHY 0 to enable Fast Link Fail indication.
8.11
Near-end loopback with AMS enabled
Near-end loopback does not work when AMS is enabled. Near-end loopback is controlled by setting bit
14 of register 0.
The workaround is to disable AMS when enabling loopback. This is a debug feature and does not have
any real life implications.
8.12
Carrier detect assertion
Carrier detect assertion is set to false incorrectly when 9 out of 10 bits in the K28.1 word are in error.
No real life implication is expected, because the event that can trigger this error is extremely unlikely. If it
does occur, the link may drop momentarily and come back up.
8.13
Link status not correct in register 24E3.2 for 100BASE-
FX operation
The link status in register 24E3.2 only reflects the status of 1000BASE-X links. It does not reflect the
status of 100BASE-FX links.
The workaround is to check register 28.4:3 for media operating mode (10 for fiber), 28.4:3 for speed
status (100 for 100 Mbps), and then check 16.12 for current link status.
8.14
Register 28.14 does not reflect autonegotiation disabled
in 100BASE-FX mode
Register 28.14 does not reflect autonegotiation status in 100BASE-FX mode. It works correctly in all
copper and 1000BASE-X media modes.
The workaround is to use register 0.12 for autonegotiation status in 100BASE-FX mode when AMS is
disabled. For more information about limitations when AMS is enabled, see AMS and 100BASE-FX,
page 116.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com